Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC1G240WPE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74LVC1G240WPE
Description  Bus Buffer Inverted with 3-state Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC1G240WPE Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74LVC1G240WPE Datasheet HTML 1Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 2Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 3Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 4Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 5Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 6Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 7Page - Renesas Technology Corp RD74LVC1G240WPE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RD74LVC1G240
Rev.1.00 Apr 13, 2006 page 4 of 7
Electrical Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test condition
1.65 to 1.95
VCC
×0.65
2.3 to 2.7
1.7
3.0 to 3.6
2.0
VIH
4.5 to 5.5
VCC
×0.7
1.65 to 1.95
VCC
×0.35
2.3 to 2.7
0.7
3.0 to 3.6
0.8
Input voltage
VIL
4.5 to 5.5
VCC
×0.3
V
Min to Max
VCC–0.1
IOH = –100
µA
1.65
1.2
IOH = –4 mA
2.3
1.9
IOH = –8 mA
2.4
IOH = –16 mA
3.0
2.3
IOH = –24 mA
VOH
4.5
3.8
IOH = –32 mA
Min to Max
0.1
IOL = 100
µA
1.65
0.45
IOL = 4 mA
2.3
0.3
IOL = 8 mA
0.4
IOL = 16 mA
3.0
0.55
IOL = 24 mA
Output voltage
VOL
4.5
0.55
V
IOL = 32 mA
Input current
IIN
0 to 5.5
±5
µA VIN = 5.5 V or GND
Off state Output
current
IOZ
3.6
10
µA VO = 5.5 V or GND
ICC
1.65 to 5.5
10
VIN = VCC or GND,
IO = 0
Quiescent
supply current
∆ICC
3 to 5.5
500
µA
One input at VCC–0.6 V,
Other input at VCC or GND
Output leakage
current
IOFF
0
±10
µA VIN or VO = 0 to 5.5 V
Input capacitance
CIN
3.3
3.5
pF
VIN = VCC or GND
Note:
For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.


Similar Part No. - RD74LVC1G240WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G00WPE RENESAS-RD74LVC1G00WPE Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G02 RENESAS-RD74LVC1G02 Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G02WPE RENESAS-RD74LVC1G02WPE Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G04 RENESAS-RD74LVC1G04 Datasheet
2Mb / 8P
   Inverter
More results

Similar Description - RD74LVC1G240WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G240 RENESAS-HD74ALVC1G240_15 Datasheet
122Kb / 15P
   Bus Buffer Inverted with 3-state Output
HD74ALVC1G240 RENESAS-HD74ALVC1G240 Datasheet
97Kb / 13P
   Bus Buffer Inverted with 3-state Output
HD74ALVC2G240 RENESAS-HD74ALVC2G240_15 Datasheet
131Kb / 15P
   Dual Bus Buffer Inverted with 3-state Output
HD74ALVC2G240 RENESAS-HD74ALVC2G240 Datasheet
105Kb / 13P
   Dual Bus Buffer Inverted with 3-state Output
HD74LV2G240A RENESAS-HD74LV2G240A Datasheet
96Kb / 10P
   Dual Bus Buffer Inverted with 3-state Output
logo
STMicroelectronics
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
253Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
74AC240 STMICROELECTRONICS-74AC240 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
April 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com