Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC1G86 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RD74LVC1G86
Description  2-input Exclusive OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC1G86 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RD74LVC1G86 Datasheet HTML 1Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 2Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 3Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 4Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 5Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 6Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 7Page - Renesas Technology Corp RD74LVC1G86 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.1.00 Jul 26, 2006 page 1 of 7
RD74LVC1G86
2–input Exclusive OR Gate
REJ03D0728–0100
Rev.1.00
Jul 26, 2006
Description
The RD74LVC1G86 has two–input Exclusive OR gate in a 5-pin package. Low voltage and high-speed operation is
suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the
battery life.
Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
Operating temperature range: –40 to +85°C
• All inputs:
VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs:
VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current:
±4 mA (@VCC = 1.65 V)
±8 mA (@VCC = 2.3 V)
±24 mA (@VCC = 3.0 V)
±32 mA (@VCC = 4.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
RD74LVC1G86WPE
WCSP-5 pin
SXBG0005LB–A
(TBS-5CV)
WP
E (3,000 pcs/reel)
Article indication
E 8 Y M
Marking
Year code
Month code


Similar Part No. - RD74LVC1G86

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G00WPE RENESAS-RD74LVC1G00WPE Datasheet
1Mb / 7P
   2-input NAND Gate
RD74LVC1G02 RENESAS-RD74LVC1G02 Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G02WPE RENESAS-RD74LVC1G02WPE Datasheet
1Mb / 8P
   2-input NOR Gate
RD74LVC1G04 RENESAS-RD74LVC1G04 Datasheet
2Mb / 8P
   Inverter
More results

Similar Description - RD74LVC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com