Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC1G17WPE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74LVC1G17WPE
Description  Schmitt-trigger Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC1G17WPE Datasheet(HTML) 7 Page - Renesas Technology Corp

  RD74LVC1G17WPE Datasheet HTML 1Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 2Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 3Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 4Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 5Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 6Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 7Page - Renesas Technology Corp RD74LVC1G17WPE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RD74LVC1G17
Rev.1.00 Feb 23, 2006 page 7 of 7
Package Dimensions
*
1.10
0.15
0.140
0.110
SXBG0005LB-A
b
Z
e
E
A
A
D
x
y
Z
1
MASS[Typ.]
0.15
0.05
(0.235)
0.15
0.19
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
S-XFBGA5-0.7x1.1-0.40
RENESAS Code
TBS-5CV
0.001g
0.40
2
A
0.70
0.40
0.05
0.20
E
D
e
D
Z
D
C
B
A
12
C
A
B
Seating plane
5
× φ b
C
φx M
A B
C
φx M
y C
*Reference value.
Pin#1 index area
Cy1
y 1


Similar Part No. - RD74LVC1G17WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G125 RENESAS-RD74LVC1G125 Datasheet
1Mb / 8P
   Bus Buffer with 3-state Output
RD74LVC1G125WPE RENESAS-RD74LVC1G125WPE Datasheet
1Mb / 8P
   Bus Buffer with 3-state Output
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
RD74LVC1G126WPE RENESAS-RD74LVC1G126WPE Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
RD74LVC1G14 RENESAS-RD74LVC1G14 Datasheet
2Mb / 8P
   Schmitt-trigger Inverter Buffer
More results

Similar Description - RD74LVC1G17WPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
   Schmitt-trigger Buffer
HD74ALVC1G14 RENESAS-HD74ALVC1G14 Datasheet
80Kb / 10P
   Schmitt-trigger Inverter Buffer
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC17A UTC-U74LVC17A Datasheet
159Kb / 5P
   HEX SCHMITT-TRIGGER BUFFER
logo
Nexperia B.V. All right...
74AHCT17A NEXPERIA-74AHCT17A Datasheet
181Kb / 13P
   Hex buffer Schmitt trigger
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC1G17 TI-SN74LVC1G17 Datasheet
486Kb / 17P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com