Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q2A7209RBG-40RB0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R1Q2A7209RBG-40RB0
Description  36-Mbit QDR?줚I SRAM 2-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q2A7209RBG-40RB0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R1Q2A7209RBG-40RB0 Datasheet HTML 1Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 2Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 3Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 4Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 5Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 6Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 7Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 8Page - Renesas Technology Corp R1Q2A7209RBG-40RB0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
R1Q2A3636B/R1Q2A3618B/R1Q2A3609B
REJ03C0341-0003 Rev.0.03 Apr. 11, 2008
Page 2 of 24
Ordering Information
Part Number
Organization
Cycle
time
Clock
frequency
Package
Notes
R1Q2A3636BBG-40R
4.0 ns
250 MHz
R1Q2A3636BBG-50R
5.0 ns
200 MHz
R1Q2A3636BBG-60R
1-M word
× 36-bit
6.0 ns
167 MHz
R1Q2A3618BBG-40R
4.0 ns
250 MHz
R1Q2A3618BBG-50R
5.0 ns
200 MHz
R1Q2A3618BBG-60R
2-M word
× 18-bit
6.0 ns
167 MHz
R1Q2A3609BBG-40R
4.0 ns
250 MHz
R1Q2A3609BBG-50R
5.0 ns
200 MHz
R1Q2A3609BBG-60R
4-M word
× 9-bit
6.0 ns
167 MHz
Plastic FBGA 165-pin
PLBG0165FB-A
Notes:
1. Part Number
(0:1)
R1
: Renesas Memory prefix
(9)
R
: 1
stGeneration
(2:3)
Q2
: QDRII 2-word Burst SRAM
A
: 2
ndGeneration
Q3
: QDRII 4-word Burst SRAM
B
: 3
rdGeneration
Q4
: DDRII 2-word Burst SRAM
(10:11)
BG
: Package type=BGA
Q5
: DDRII 4-word Burst SRAM
(12:13)
60
: Cycle time=6.0 ns
Q6
: DDRII 2-word Burst SRAM
50
: Cycle time=5.0 ns
Separate I/O
40
: Cycle time=4.0 ns
(4)
A
: VDD=1.8V
33
: Cycle time=3.3 ns
(5:6)
36
: Density = 36Mb
(14)
R
: Temperature range= 0°C
∼70°C
72
: Density = 72Mb
I
: Temperature range= -40°C
∼85°C
(7:8)
36
: Organization = x36
(15)
B
: Pb-free
18
: Organization = x18
T
: Tape&Reel
09
: Organization = x9
S
: Pb-free and Tape&Reel
None
: Standard (Pb and Tray)
(16)
0
∼9 , A ∼Z :Renesas internal use
2. Marking Name
Marking Name(0:14) =Part Number(0:14)
------------Pb
Marking Name(0:16) =Part Number(0:14)+Bx------------Pb-free
(x
=0 ∼9 , A ∼Z)
(Example) R1Q2A3609BBG-60R
------------Pb
R1Q2A3609BBG-60RB0 ------------Pb-free


Similar Part No. - R1Q2A7209RBG-40RB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
844Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
841Kb / 36P
   72-Mbit DDRII SRAM 2-word Burst
R1Q2A7209AB RENESAS-R1Q2A7209AB Datasheet
881Kb / 39P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1Q2A7209RBG-40RB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com