Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1Q6A3609RBG-40RB0 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1Q6A3609RBG-40RB0
Description  36-Mbit QDR?줚I SRAM 2-word Burst
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1Q6A3609RBG-40RB0 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1Q6A3609RBG-40RB0 Datasheet HTML 4Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 5Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 6Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 7Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 8Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 9Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 10Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 11Page - Renesas Technology Corp R1Q6A3609RBG-40RB0 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
R1Q2A3636B/R1Q2A3618B/R1Q2A3609B
REJ03C0341-0003 Rev.0.03 Apr. 11, 2008
Page 8 of 24
2b. Sequence controlled by Clock (/DOFF pin fixed high) when DLL enable
Status
Power Up
Unstable
Clock Stage
Stop
Clock Stage
NOP & DLL
Locking Stage
Normal
Operation
VDD
C, /C, K, /K
30ns min.
1024cycle min.
VDDQ
VREF
/DOFF
DLL Constraints
1. DLL uses either K or C clock as its synchronizing input, the input should have low phase jitter which is specified as
TKC var.
2. The lower end of the frequency at which the DLL can operate is 119MHz.
Programmable Output Impedance
1. Output buffer impedance can be programmed by terminating the ZQ ball to VSS through a precision resistor (RQ).
The value of RQ is five times the output impedance desired. The allowable range of RQ to guarantee impedance
matching with a tolerance of 10% is 250
Ω typical.
The total external capacitance of ZQ ball must be less than 7.5 pF.


Similar Part No. - R1Q6A3609RBG-40RB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q6A4418RBG RENESAS-R1Q6A4418RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
R1Q6A4436RBG RENESAS-R1Q6A4436RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
R1Q6A7218AB RENESAS-R1Q6A7218AB Datasheet
893Kb / 39P
   72-Mbit DDRII SRAM 2-word Burst
R1Q6A7218AB RENESAS-R1Q6A7218AB Datasheet
827Kb / 36P
   72-Mbit QDR SRAM 2-word Burst
R1Q6A7218AB RENESAS-R1Q6A7218AB Datasheet
828Kb / 36P
   72-Mbit QDR II SRAM 4-word Burst
More results

Similar Description - R1Q6A3609RBG-40RB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QAA3636CBB RENESAS-R1QAA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com