Electronic Components Datasheet Search |
|
M38263E5GP Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
M38263E5GP Datasheet(HTML) 8 Page - Renesas Technology Corp |
8 / 91 page Rev.1.00 Sep 06, 2006 page 8 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) FUNCTIONAL DESCRIPTION CENTRAL PROCESSING UNIT (CPU) The 3826 group uses the standard 740 family instruction set. Re- fer to the table of 740 family addressing modes and machine instructions or the 740 Family Software Manual for details on the instruction set. Machine-resident 740 family instructions are as follows: The FST and SLW instruction cannot be used. The STP, WIT, MUL, and DIV instruction can be used. The central processing unit (CPU) has six registers. Figure 6 shows the 740 Family CPU register structure. [Accumulator (A)] The accumulator is an 8-bit register. Data operations such as arithmetic data transfer, etc., are executed mainly through the ac- cumulator. [Index Register X (X)] The index register X is an 8-bit register. In the index addressing modes, the value of the OPERAND is added to the contents of register X and specifies the real address. [Index Register Y (Y)] The index register Y is an 8-bit register. In partial instruction, the value of the OPERAND is added to the contents of register Y and specifies the real address. [Stack Pointer (S)] The stack pointer is an 8-bit register used during subroutine calls and interrupts. This register indicates start address of stored area (stack) for storing registers during subroutine calls and interrupts. The low-order 8 bits of the stack address are determined by the contents of the stack pointer. The high-order 8 bits of the stack address are determined by the stack page selection bit. If the stack page selection bit is “0” , the high-order 8 bits becomes “0016”. If the stack page selection bit is “1”, the high-order 8 bits becomes “0116”. Figure 7 shows the operations of pushing register contents onto the stack and popping them from the stack. Table 4 shows the push and pop instructions of accumulator or processor status reg- ister. Store registers other than those described in Figure 7 with pro- gram when the user needs them during interrupts or subroutine calls. [Program Counter (PC)] The program counter is a 16-bit counter consisting of two 8-bit registers PCH and PCL. It is used to indicate the address of the next instruction to be executed. Fig. 6 740 Family CPU register structure AAccumulator b7 b7 b7 b7 b0 b7 b15 b0 b7 b0 b0 b0 b0 X Index register X Y Index register Y SStack pointer PCL Program counter PCH N VTB DI ZC Processor status register (PS) Carry flag Zero flag Interrupt disable flag Decimal mode flag Break flag Index X mode flag Overflow flag Negative flag |
Similar Part No. - M38263E5GP |
|
Similar Description - M38263E5GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |