Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQK0202RGDQA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RQK0202RGDQA
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQK0202RGDQA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RQK0202RGDQA Datasheet HTML 1Page - Renesas Technology Corp RQK0202RGDQA Datasheet HTML 2Page - Renesas Technology Corp RQK0202RGDQA Datasheet HTML 3Page - Renesas Technology Corp RQK0202RGDQA Datasheet HTML 4Page - Renesas Technology Corp RQK0202RGDQA Datasheet HTML 5Page - Renesas Technology Corp RQK0202RGDQA Datasheet HTML 6Page - Renesas Technology Corp RQK0202RGDQA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RQK0202RGDQA
Rev.3.00 Jun 12, 2006 page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
20
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±12
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±10 V, VDS = 0
Drain to source leak current
IDSS
1
µA
VDS = 20 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
0.4
1.4
V
VDS = 10 V, ID = 1 mA
RDS(on)
42
55
m
ID = 1.9 A, VGS = 4.5 V
Note3
Drain to source on state resistance
RDS(on)
62
85
m
ID = 1.9 A, VGS = 2.5 V
Note3
Forward transfer admittance
|yfs|
6
8.5
S
ID = 1.9 A, VDS = 10 V
Note3
Input capacitance
Ciss
293
pF
Output capacitance
Coss
74
pF
Reverse transfer capacitance
Crss
37
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Turn - on delay time
td(on)
13
ns
Rise time
tr
88
ns
Turn - off delay time
td(off)
35
ns
Fall time
tf
7
ns
ID = 1.9 A
VGS = 4.5 V
RL = 5.2
Rg = 4.7
Total gate charge
Qg
3.7
nC
Gate to source charge
Qgs
0.5
nC
Gate to drain charge
Qgd
0.8
nC
VDD = 10 V
VGS = 4.5 V
ID = 3.8 A
Body - drain diode forward voltage
VDF
0.85
1.1
V
IF = 3.8 A, VGS = 0
Note3
Notes: 3. Pulse test


Similar Part No. - RQK0202RGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQK0202RGDQA RENESAS-RQK0202RGDQA Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQATL-H RENESAS-RQK0202RGDQATL-H Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_15 Datasheet
171Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - RQK0202RGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com