Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C-2G Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R8C-2G
Description  MCU
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C-2G Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R8C-2G Datasheet HTML 7Page - Renesas Technology Corp R8C-2G Datasheet HTML 8Page - Renesas Technology Corp R8C-2G Datasheet HTML 9Page - Renesas Technology Corp R8C-2G Datasheet HTML 10Page - Renesas Technology Corp R8C-2G Datasheet HTML 11Page - Renesas Technology Corp R8C-2G Datasheet HTML 12Page - Renesas Technology Corp R8C-2G Datasheet HTML 13Page - Renesas Technology Corp R8C-2G Datasheet HTML 14Page - Renesas Technology Corp R8C-2G Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
R8C/2G Group
3. Memory
Rev.1.00
Apr 04, 2008
Page 11 of 41
REJ03B0223-0100
3.
Memory
Figure 3.1 is a Memory Map of R8C/2G Group. The R8C/2G group has 1 Mbyte of address space from addresses
00000h to FFFFFh.
The internal ROM is allocated lower addresses, beginning with address 0FFFFh. For example, a 16-Kbyte internal
ROM area is allocated addresses 0C000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting address of each
interrupt routine.
The internal RAM is allocated higher addresses beginning with address 00400h. For example, a 1-Kbyte internal RAM
area is allocated addresses 00400h to 007FFh. The internal RAM is used not only for storing data but also for calling
subroutines and as stacks when interrupt requests are acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. The peripheral function control registers
are allocated here. All addresses within the SFR, which have nothing allocated are reserved for future use and cannot
be accessed by users.
Figure 3.1
Memory Map of R8C/2G Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer/voltage monitor/comparator
(Reserved)
(Reserved)
Reset
00400h
002FFh
00000h
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs))
0FFFFh
0FFDCh
NOTE:
1. The blank regions are reserved. Do not access locations in these regions.
FFFFFh
0FFFFh
0YYYYh
Internal ROM
(program ROM)
0XXXh
Part Number
Internal ROM
Internal RAM
Size
Size
R5F212G4SNFP, R5F212G4SDFP
R5F212G5SNFP, R5F212G5SDFP
R5F212G6SNFP, R5F212G6SDFP
16 Kbytes
24 Kbytes
32 Kbytes
0C000h
0A000h
08000h
512 bytes
1 Kbyte
1 Kbyte
005FFh
007FFh
007FFh
Address 0YYYYh
Address 0XXXXh


Similar Part No. - R8C-2G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-2 RENESAS-R8C-2 Datasheet
545Kb / 64P
   MCU
R8C-20 RENESAS-R8C-20 Datasheet
410Kb / 45P
   MCU
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results

Similar Description - R8C-2G

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
R8C22 RENESAS-R8C22 Datasheet
479Kb / 52P
   MCU
R8C-2K RENESAS-R8C-2K Datasheet
369Kb / 47P
   MCU
logo
GigaDevice Semiconducto...
GD32 GIGADEVICE-GD32 Datasheet
4Mb / 28P
   MCU
logo
Renesas Technology Corp
R8C2A RENESAS-R8C2A Datasheet
482Kb / 58P
   MCU
R8C-2H RENESAS-R8C-2H Datasheet
457Kb / 68P
   MCU
R8C-33A RENESAS-R8C-33A Datasheet
452Kb / 55P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com