Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C-2C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R8C-2C
Description  MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C-2C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R8C-2C Datasheet HTML 3Page - Renesas Technology Corp R8C-2C Datasheet HTML 4Page - Renesas Technology Corp R8C-2C Datasheet HTML 5Page - Renesas Technology Corp R8C-2C Datasheet HTML 6Page - Renesas Technology Corp R8C-2C Datasheet HTML 7Page - Renesas Technology Corp R8C-2C Datasheet HTML 8Page - Renesas Technology Corp R8C-2C Datasheet HTML 9Page - Renesas Technology Corp R8C-2C Datasheet HTML 10Page - Renesas Technology Corp R8C-2C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
R8C/2C Group, R8C/2D Group
1. Overview
Rev.2.10
Dec 05, 2007
Page 7 of 57
REJ03B0183-0210
Figure 1.1
Part Number, Memory Size, and Package of R8C/2C Group
Part No.
R 5 F 21 2C 7 S N XXX FP
Package type:
FP: PLQP0080KB-A (0.5 mm pin-pitch, 12 mm square body)
ROM number
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
Y: Operating ambient temperature -20°C to 105°C (1)
S: Low-voltage version
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/2C Group
R8C/Tiny Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor
NOTE:
1. Please contact Renesas Technology sales offices for the Y version.


Similar Part No. - R8C-2C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-2 RENESAS-R8C-2 Datasheet
545Kb / 64P
   MCU
R8C-20 RENESAS-R8C-20 Datasheet
410Kb / 45P
   MCU
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
R8C-20 RENESAS-R8C-20_1 Datasheet
4Mb / 501P
   MCU R8C FAMILY / R8C/2x SERIES
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results

Similar Description - R8C-2C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
R8C2C RENESAS-R8C2C Datasheet
476Kb / 58P
   MCU
R8C22 RENESAS-R8C22 Datasheet
479Kb / 52P
   MCU
R8C-2G RENESAS-R8C-2G Datasheet
316Kb / 43P
   MCU
R8C-2K RENESAS-R8C-2K Datasheet
369Kb / 47P
   MCU
logo
GigaDevice Semiconducto...
GD32 GIGADEVICE-GD32 Datasheet
4Mb / 28P
   MCU
logo
Renesas Technology Corp
R8C2A RENESAS-R8C2A Datasheet
482Kb / 58P
   MCU
R8C-2H RENESAS-R8C-2H Datasheet
457Kb / 68P
   MCU
R8C-33A RENESAS-R8C-33A Datasheet
452Kb / 55P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com