Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66173SP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R8A66173SP
Description  4-CH 12-BIT PWM GENERATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66173SP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R8A66173SP Datasheet HTML 1Page - Renesas Technology Corp R8A66173SP Datasheet HTML 2Page - Renesas Technology Corp R8A66173SP Datasheet HTML 3Page - Renesas Technology Corp R8A66173SP Datasheet HTML 4Page - Renesas Technology Corp R8A66173SP Datasheet HTML 5Page - Renesas Technology Corp R8A66173SP Datasheet HTML 6Page - Renesas Technology Corp R8A66173SP Datasheet HTML 7Page - Renesas Technology Corp R8A66173SP Datasheet HTML 8Page - Renesas Technology Corp R8A66173SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
R8A66173SP
REJ03F0264-0100 Rev.1.00 Jan.24.2008
Page 2 of 12
BLOCK DIAGRAM (EACH CHANNEL)
FUNCTION
The PWM output waveform of each channel is controlled by taking in PWM data from MCU or other device via
serial data input SIN.
12-bit PWM data is input being divided between upper 8-bits (upper byte) and lower 4-bits.
The lower 4-bit data is combined with command data such as channel designation and input as 8-bit data
(lower byte).
The lower byte should be written first, and then the upper byte. Even if only the upper byte is to be changed,
rewrite from the lower byte.
The PWM waveform changes according to the new setting from the next cycle.
One cycle of PWM waveform (=4096 divisions; 12-bit resolution) are divided into 16 (2
4) subsections t. Each
subsection consists of 256 (=2
8; 8-bit resolution) minimum bits τ(=2/fXIN**).
One subsection t consists of an 8-bit PWM waveform (basic waveform). The “H” width of this waveform is
determined according to the upper 8-bits of PWM data. One cycle has 16 subsections t, each of which has
this basic waveform. Among them, those which are designated by the 4-bit-rate multiplier are conditioned to have
a “H” width that is longer by
τ. The lower 4-bits of PWM data are used to specify those subsections (tm). The
waveform of other subsections remains unchanged.
The PWM waveform (12-bit resolution) is a combination of two types of waveforms which are different in “H”
width, as described above.
When output control input OC is “H”, the output of every 4-channel turns high-impedance from the next cycle.
When reset input R is “L”, the output of every channel turns high-impedance as soon as the ongoing cycle is
completed, and PWM data of all channels is reset. If R input is changed from “L” to “H”, the next cycle starts,
however, the output of the channels remains high-impedance.
To enable output, rewrite input data for each channel.
**)fXIN: Clock XIN repeat frequency
Input
register
Vcc
PWM1
PWM3
SIN
WR
3
CS
1
2
6
13
12
14
11
4
SCLK
5
Control
circuit
OC
R
Upper byte
register
Low er byte
register
PWM
register
8-bit
PWM circuit
4-bit-rate
multiplier
12-bit
PWM circuit
Oscillation
circuit
1/2
divider
To other channels
PWM2
PWM4
XIN
GND
8
10
7
XOUT
9


Similar Part No. - R8A66173SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66170DD RENESAS-R8A66170DD Datasheet
521Kb / 21P
   4-CH 16-BIT PWM GENERATOR
R8A66170SP RENESAS-R8A66170SP Datasheet
521Kb / 21P
   4-CH 16-BIT PWM GENERATOR
R8A66171DD RENESAS-R8A66171DD Datasheet
549Kb / 23P
   A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66171SP RENESAS-R8A66171SP Datasheet
549Kb / 23P
   A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
More results

Similar Description - R8A66173SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66242P MITSUBISHI-M66242P Datasheet
109Kb / 10P
   4-CH 12-BIT PWM GENERATOR
logo
Renesas Technology Corp
M66242P RENESAS-M66242P Datasheet
2Mb / 11P
   4-CH 12-BIT PWM GENERATOR
M66240P RENESAS-M66240P Datasheet
3Mb / 17P
   4-CH 16-BIT PWM GENERATOR
logo
Mitsubishi Electric Sem...
M66240P MITSUBISHI-M66240P Datasheet
489Kb / 16P
   4-CH 16-BIT PWM GENERATOR
logo
Renesas Technology Corp
R8A66170DD RENESAS-R8A66170DD Datasheet
521Kb / 21P
   4-CH 16-BIT PWM GENERATOR
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com