Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66170DD Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R8A66170DD
Description  4-CH 16-BIT PWM GENERATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66170DD Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R8A66170DD Datasheet HTML 3Page - Renesas Technology Corp R8A66170DD Datasheet HTML 4Page - Renesas Technology Corp R8A66170DD Datasheet HTML 5Page - Renesas Technology Corp R8A66170DD Datasheet HTML 6Page - Renesas Technology Corp R8A66170DD Datasheet HTML 7Page - Renesas Technology Corp R8A66170DD Datasheet HTML 8Page - Renesas Technology Corp R8A66170DD Datasheet HTML 9Page - Renesas Technology Corp R8A66170DD Datasheet HTML 10Page - Renesas Technology Corp R8A66170DD Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
R8A66170DD/SP
REJ03F0272-0100 Rev.1.00
Apr.01.2008
Page 7 of 20
(2) Mode1
This mode is selected by setting D4 = 0 and D3 = 1 in command 1. Figure 10 shows the block diagram in this mode (for
one channel).
This mode outputs the pulse which is determined by value M of PWM register as one shot by trigger signal.
The type of this output operation is determined by whether the external trigger signal or the internal trigger signal is
used. Operation varies according to the choice of external and internal trigger signals.
(a) External trigger selected (D1 = 1 in command 1)
This mode outputs, when a trigger pulse is applied to trigger input TRG, one shot of output pulse. Therefore, cycle time
T becomes cycle time fIN of the trigger pulse to be applied to trigger input TRG.
The output pulse width is determined by the prescaler register value L and PWM register value M. (See Fig.5)
Fig.5 (When H width polarity is “H”)
M=0
M=1
M=2
M=3
1
f (XIN)
L+1
f (XIN)
TRG trigger input
"L"
L+1
f (XIN)
・M
1
f IN
T=
1
f IN
T
:
Cycle time (
μs)
f(XIN) :Oscillator frequency (MHz)
L
:Prescaler set value
M
:
H width set value
fIN
:Trigger input frequency (MHz)
Internal signal
PWM output
Prescaler output
(PWM clock)
(at L = 1)
Oscillator source


Similar Part No. - R8A66170DD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66171DD RENESAS-R8A66171DD Datasheet
549Kb / 23P
   A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66171SP RENESAS-R8A66171SP Datasheet
549Kb / 23P
   A2RT (ADVANCED ASYNCHRONOUS RECEIVER & TRANSMITTER)
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
   4-CH 12-BIT PWM GENERATOR
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
More results

Similar Description - R8A66170DD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66240P RENESAS-M66240P Datasheet
3Mb / 17P
   4-CH 16-BIT PWM GENERATOR
logo
Mitsubishi Electric Sem...
M66240P MITSUBISHI-M66240P Datasheet
489Kb / 16P
   4-CH 16-BIT PWM GENERATOR
M66242P MITSUBISHI-M66242P Datasheet
109Kb / 10P
   4-CH 12-BIT PWM GENERATOR
logo
Renesas Technology Corp
M66242P RENESAS-M66242P Datasheet
2Mb / 11P
   4-CH 12-BIT PWM GENERATOR
R8A66173SP RENESAS-R8A66173SP Datasheet
509Kb / 13P
   4-CH 12-BIT PWM GENERATOR
logo
Advantech Co., Ltd.
PCIE-1840 ADVANTECH-PCIE-1840 Datasheet
356Kb / 1P
   4-Ch, 16-Bit, 125 MS/s Digitizer
27-Jun-2018
logo
Dialog Semiconductor
IW338 DIALOG-IW338 Datasheet
310Kb / 5P
   PWM Generator
logo
List of Unclassifed Man...
CPCI-6208 ETC2-CPCI-6208 Datasheet
654Kb / 1P
   8/16-CH 16-Bit Analog Output Cards
logo
Advantech Co., Ltd.
PCI-1721 ADVANTECH-PCI-1721 Datasheet
590Kb / 1P
   12-bit, 4-ch Analog Output PCI Card with 16-ch Digital I/O
logo
List of Unclassifed Man...
PCI-6202 ETC2-PCI-6202 Datasheet
308Kb / 2P
   4-CH 16-Bit 1 MS/s Analog Output & 32-CH Isolation DIO Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com