Electronic Components Datasheet Search |
|
R8A66162SP Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
R8A66162SP Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 8 page R8A66162SP REJ03F0263-0100 Rev.1.00 Jan.24.2008 page 2 of 7 PIN CONFIGURATION ( TOP VIEW ) FUNCTIONAL DESCRIPTION The employment of silicon gate CMOS process of the R8A66162SP guarantees low power dissipation and maintains high noise margin as well as high output current and high speed required to drive LEDs. Each shift register bit consists of a flip-flop for shifting and an output latch. The shift operation takes place when the shift clock input CK changes from low-level to high-level. The serial data input A corresponds to the data input of the first-stage shift register, and the shift register is shifted in sequence when a pulse is applied to CK. If the latch-enable input LE is turned high-level, the content of the shift register at that instant is latched. The parallel data outputs Q1~Q32 are open-drain outputs. To expand the number of bits, use the serial data output SQ32 which shows the output of the shift register of the 32nd bit. If the direct set input SD is turned low-level, Q1~Q32 and SQ32 are set. Then shift register and latches are set. If the high-level input is applied to the output enable input OE, Q1~Q32 are set to the high-impedance state, but SQ32 is not set to the high-impedance state. The shift operation is not affected when OE is changed. PARALLEL DATA OUTPUTS SERIAL DATA INPUT OUTPUT ENABLE INPUT LATCH ENABLE INPUT DIRECT SET INPUT SHIFT CLOCK INPUT SERIAL DATA OUTPUT PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS Q1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 23 22 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 26 27 25 Q2 Q3 Q4 Q5 Q6 A OE LE SD CK SQ32 Q27 Q28 Q29 Q30 Q31 Q32 Q26 Q25 Q24 Q23 Q22 GND Q21 Q20 Q19 Q18 Q17 GND VCC Q16 Q15 Q14 Q13 Q12 GND Q11 Q10 Q9 Q8 Q7 VCC GND GND VCC GND GND PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS SERIAL DATA INPUT OUTPUT ENABLE INPUT LATCH ENABLE INPUT DIRECT SET INPUT SHIFT CLOCK INPUT SERIAL DATA OUTPUT PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS Q1 Q1 Q1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 23 22 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 26 27 25 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 23 22 24 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 9 9 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 19 19 20 20 21 21 23 23 22 22 24 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 26 27 25 48 48 47 47 46 46 45 45 44 44 43 43 42 42 41 41 40 40 39 39 38 38 37 37 36 36 35 35 34 34 33 33 32 32 31 31 30 30 29 29 28 28 26 26 27 27 25 25 Q2 Q2 Q2 Q3 Q3 Q3 Q4 Q4 Q4 Q5 Q5 Q5 Q6 Q6 Q6 A A OE OE OE LE LE LE SD SD SD CK CK SQ32 SQ32 Q27 Q27 Q27 Q28 Q28 Q28 Q29 Q29 Q29 Q30 Q30 Q30 Q31 Q31 Q31 Q32 Q32 Q32 Q26 Q26 Q26 Q25 Q25 Q25 Q24 Q24 Q24 Q23 Q23 Q23 Q22 Q22 Q22 GND Q21 Q21 Q21 Q20 Q20 Q20 Q19 Q19 Q19 Q18 Q18 Q18 Q17 Q17 Q17 GND VCC Q16 Q16 Q16 Q15 Q15 Q15 Q14 Q14 Q14 Q13 Q13 Q13 Q12 Q12 Q12 GND Q11 Q11 Q11 Q10 Q10 Q10 Q9 Q9 Q9 Q8 Q8 Q8 Q7 Q7 Q7 VCC GND GND VCC GND GND PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS PARALLEL DATA OUTPUTS |
Similar Part No. - R8A66162SP |
|
Similar Description - R8A66162SP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |