Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8A66151SP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R8A66151SP
Description  24-BIT I/O EXPANDER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8A66151SP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R8A66151SP Datasheet HTML 1Page - Renesas Technology Corp R8A66151SP Datasheet HTML 2Page - Renesas Technology Corp R8A66151SP Datasheet HTML 3Page - Renesas Technology Corp R8A66151SP Datasheet HTML 4Page - Renesas Technology Corp R8A66151SP Datasheet HTML 5Page - Renesas Technology Corp R8A66151SP Datasheet HTML 6Page - Renesas Technology Corp R8A66151SP Datasheet HTML 7Page - Renesas Technology Corp R8A66151SP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
R8A66151SP
REJ03F0258-0100 Rev.1.00 Jan.08.2008
Page 4 of 7
ABSOLUTE MAXIMUM RATINGS
(Ta=-40~85 oC , unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
Vcc
Supply voltage
-0.5 ~ +7.0
V
VI
Input voltage
-0.5 ~ Vcc+0.5
V
VO
Output voltage
-0.5 ~ Vcc+0.5
V
Tstg
Storage temperature range
-65 ~ 150
oC
RECOMMENDED OPERATING CONDITIONS
Limits
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
2.0
6.0
V
VI
Input voltage
0
Vcc
V
VO
Output voltage
0
Vcc
V
Topr
Operating temperature range
-40
85
oC
ELECTRICAL CHARACTERISTICS
(Vcc=2.0~6.0V, Ta=-40~85oC, unless otherwise noted)
Limits
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VT+
Positive going threshold voltage (*1)
0.35 x Vcc
0.80 x Vcc
V
VT-
Negative going threshold voltage (*1)
0.20 x Vcc
0.65 x Vcc
V
VIH
"H" input voltage (*2)
0.75 x Vcc
V
VIL
"L" input voltage (*2)
Vo=0.1V, Vcc-0.1V
l Io l=20uA
0.25 x Vcc
V
VOL
"L" output voltage
Vcc=4.5V, IOL=5mA
0.5
V
Vo=Vcc
10
IO
Output leakage current
Vcc=6V
Vo=GND
-10
uA
IIH
"H" input current
VI=Vcc,
Vcc=6V
1
IIL
"L" input current
VI=GND,
Vcc=6V
-1
uA
Icc
Quiescent supply current
VI=Vcc, GND
Vcc=6V
200
uA
*1 : DI, CLK, /CS, /S
*2 : D1~D24


Similar Part No. - R8A66151SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66153FP RENESAS-R8A66153FP Datasheet
458Kb / 10P
   PROGRAMMABLE BUFFERED I/O EXPANDER
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
   8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
R8A66155SP RENESAS-R8A66155SP Datasheet
178Kb / 8P
   16-bit I/O EXPANDER WITH LED DRIVE FUNCTION
More results

Similar Description - R8A66151SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
   24-BIT I/O EXPANDER
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
   12-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
R8A66156SP RENESAS-R8A66156SP Datasheet
202Kb / 8P
   24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
logo
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
   Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com