Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J20601NP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R2J20601NP
Description  Driver - MOS FET Integrated SiP (DrMOS)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20601NP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R2J20601NP_08 Datasheet HTML 6Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 7Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 8Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 9Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 10Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 11Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 12Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 13Page - Renesas Technology Corp R2J20601NP_08 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
R2J20601NP
REJ03G0237-0700 Rev.7.00 Jun 30, 2008
Page 11 of 13
The PWM input is TTL level and has hysteresis. When the PWM input signal is abnormal, e.g., when the signal route
from the control IC is abnormal, the tri-state function turns off the high- and low-side MOS FETs. This function
operates when the PWM input signal stays in the input hysteresis window for 240 ns (typ.). After the tri-state mode has
been entered and GH and GL have become low, a PWM input voltage of 3.8 V or more is required to make the circuit
return to normal operation.
240 ns(tHOLD-OFF)
240 ns(tHOLD-OFF)
240 ns(tHOLD-OFF)
3.8 V
3.8 V
PWM
PWM
GH
GH
GL
GL
1.2 V
1.2 V
240 ns(tHOLD-OFF)
Figure 1


Similar Part No. - R2J20601NP_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
More results

Similar Description - R2J20601NP_08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
   Driver - MOS FET Integrated SiP (DrMOS)
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
   Integrated Driver - MOS FET (DrMOS)
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
   Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
   Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
   Integrated Driver - MOS FET (DrMOS)
R2J20605ANP RENESAS-R2J20605ANP Datasheet
161Kb / 17P
   Integrated Driver - MOS FET (DrMOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com