Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQJ0602EGDQA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RQJ0602EGDQA
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQJ0602EGDQA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RQJ0602EGDQA Datasheet HTML 1Page - Renesas Technology Corp RQJ0602EGDQA Datasheet HTML 2Page - Renesas Technology Corp RQJ0602EGDQA Datasheet HTML 3Page - Renesas Technology Corp RQJ0602EGDQA Datasheet HTML 4Page - Renesas Technology Corp RQJ0602EGDQA Datasheet HTML 5Page - Renesas Technology Corp RQJ0602EGDQA Datasheet HTML 6Page - Renesas Technology Corp RQJ0602EGDQA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RQJ0602EGDQA
Rev.4.00, May 26, 2006, page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
–60
V
ID = –10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
+10
V
IG = +100
µA, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–20
V
IG = –100
µA, VDS = 0
Gate to source leak current
IGSS
+10
µA
VGS = +8 V, VDS = 0
Gate to source leak current
IGSS
–10
µA
VGS = –16 V, VDS = 0
Drain to source leak current
IDSS
–1
µA
VDS = –60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–1.0
–2.0
V
VDS = –10 V, ID = –1 mA
RDS(on)
490
613
m
ID = –0.55 A, VGS = –10 V
Note3
Drain to source on state resistance
RDS(on)
613
854
m
ID = –0.55 A, VGS = –4.5 V
Note3
Forward transfer admittance
|yfs|
0.7
1.2
S
ID = –0.55 A, VDS = –10 V
Note3
Input capacitance
Ciss
145
pF
Output capacitance
Coss
24
pF
Reverse transfer capacitance
Crss
11
pF
VDS = –10 V, VGS = 0,
f = 1 MHz
Turn - on delay time
td(on)
23
ns
Rise time
tr
24
ns
Turn - off delay time
td(off)
28
ns
Fall time
tf
19
ns
ID = –0.5 A, VGS = –10 V,
RL = 20
Ω, Rg = 4.7 Ω
Total gate charge
Qg
3.0
nC
Gate to source charge
Qgs
0.5
nC
Gate to drain charge
Qgd
0.6
nC
VDD = –10 V, VGS = –10 V,
ID = –1.1A
Body - drain diode forward voltage
VDF
–0.9
V
IF = –1.5 A, VGS = 0
Note3
Notes: 3. Pulse test


Similar Part No. - RQJ0602EGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQJ0602EGDQA RENESAS-RQJ0602EGDQA Datasheet
89Kb / 7P
   Silicon P Channel MOS FET Power Switching
logo
VBsemi Electronics Co.,...
RQJ0602EGDQATL-E VBSEMI-RQJ0602EGDQATL-E Datasheet
1Mb / 10P
   P-Channel 60-V (D-S) MOSFET
logo
Renesas Technology Corp
RQJ0602EGDQATL-H RENESAS-RQJ0602EGDQATL-H Datasheet
89Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQA RENESAS-RQJ0602EGDQA_11 Datasheet
89Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQA RENESAS-RQJ0602EGDQA_15 Datasheet
168Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results

Similar Description - RQJ0602EGDQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com