Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ5B3KD Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RKZ5B3KD
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ5B3KD Datasheet(HTML) 6 Page - Renesas Technology Corp

  RKZ5B3KD Datasheet HTML 1Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 2Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 3Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 4Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 5Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 6Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 7Page - Renesas Technology Corp RKZ5B3KD Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RKZ-KD Series
REJ03G1264-0200 Rev.2.00 May 09, 2008
Page 6 of 7
Main Characteristic
5
101520253035
40
0
500
400
300
200
100
200
150
100
50
0
0
10
–5
10
–6
10
–4
10
–3
10
–2
10
–7
10
–8
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
0
5
10 15 20 25
−0.06
30 35 40 45
−0.05
−0.04
−0.03
−0.02
−0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
35
40
−0.07
−30
45
%/
°C
mV/
°C
2.5mm
3mm
Printed circuit board
15
× 20 × 1.6t mm
Material: Glass epoxy


Similar Part No. - RKZ5B3KD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ5.1AKU RENESAS-RKZ5.1AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ5.1B2KJ RENESAS-RKZ5.1B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ5.1BKU RENESAS-RKZ5.1BKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ5.1BKV RENESAS-RKZ5.1BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ5.1BKV RENESAS-RKZ5.1BKV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ5B3KD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ2.4AKU RENESAS-RKZ2.4AKU Datasheet
110Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com