Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38828G2-XXXHP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38828G2-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38828G2-XXXHP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38828G2-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38828G2-XXXHP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 6 of 60
REJ03B0089-0101
3882 Group
GROUP EXPANSION
Renesas plans to expand the 3882 group as follows.
Memory Type
Support for QzROM version.
Memory Size
ROM size ........................................................................ 20 K bytes
RAM size ....................................................................... 1024 bytes
Packages
PLQP0080KB-A ....................... 0.5 mm-pitch plastic molded LQFP
Fig. 4 Memory expansion plan
Memory Expansion
M38827G5
60K
ROM size (bytes)
56K
48K
40K
32K
24K
16K
8K
256
512
768
1024
1280
1536
1792
2048
ROM
external
RAM size (bytes)
RAM size (bytes)
Remarks
Package
Table 3 Products plan list
Product name
As of Nov 2005
ROM size (bytes)
ROM size for User in (
)
M38827G5-XXXHP
M38827G5HP
20480(20350)
1024
80P6Q-A
QzROM version (Programmed shipment) (Note 1)
QzROM version (blank) (Note 2)
Notes 1: This means a shipment of which User ROM has been programmed.
2: The user ROM area of a blank product is blank.


Similar Part No. - M38828G2-XXXHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3880 HEYCO-M3880 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Renesas Technology Corp
M3885 RENESAS-M3885 Datasheet
1Mb / 103P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38828G2-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com