Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38263EDFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38263EDFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38263EDFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38263EDFP Datasheet HTML 1Page - Renesas Technology Corp M38263EDFP Datasheet HTML 2Page - Renesas Technology Corp M38263EDFP Datasheet HTML 3Page - Renesas Technology Corp M38263EDFP Datasheet HTML 4Page - Renesas Technology Corp M38263EDFP Datasheet HTML 5Page - Renesas Technology Corp M38263EDFP Datasheet HTML 6Page - Renesas Technology Corp M38263EDFP Datasheet HTML 7Page - Renesas Technology Corp M38263EDFP Datasheet HTML 8Page - Renesas Technology Corp M38263EDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 4 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
PIN DESCRIPTION
Table 1 Pin description (1)
VCC
VSS
Function
Pin
Name
Function except a port function
•LCD segment output pins
Power source
•Apply voltage of power source to VCC, and 0 V to VSS. (For the limits of VCC, refer to “Recom-
mended operating conditions”.
VREF
AVSS
RESET
XIN
XOUT
VL1–VL3
C1, C2
COM0–COM3
SEG0–SEG17
P00/SEG26
P07/SEG33
P10/SEG34
P15/SEG39
P16, P17
P20 – P27
P30/SEG18
P37/SEG25
Analog refer-
ence voltage
Analog power
source
Reset input
Clock input
Clock output
LCD power
source
Charge-pump
capacitor pin
Common output
Segment output
I/O port P0
I/O port P1
I/O port P2
Output port P3
•Reference voltage input pin for A/D converter and D/A converter.
•GND input pin for A/D converter and D/A converter.
•Connect to VSS.
•Reset input pin for active “L”.
•Input and output pins for the main clock generating circuit.
•Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. A
feedback resistor is built-in.
•Input 0 ≤ VL1 ≤ VL2 ≤ VL3 voltage.
•Input 0 – VL3 voltage to LCD. (0 ≤ VL1 ≤ VL2 ≤ VL3 when a voltage is multiplied.)
•External capacitor pins for a voltage multiplier (3 times) of LCD control.
•LCD common output pins.
•COM2 and COM3 are not used at 1/2 duty ratio.
•COM3 is not used at 1/3 duty ratio.
•LCD segment output pins.
•8-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•I/O direction register allows each 8-bit pin to be pro-
grammed as either input or output.
•6-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•Pull-up control is enabled.
•I/O direction register allows each 6-bit pin to be pro-
grammed as either input or output.
•2-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually programmed as either input or output.
•Pull-up control is enabled.
•8-bit I/O port.
•CMOS compatible input level.
•CMOS 3-state output structure.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•Pull-up control is enabled.
•8-bit output.
•CMOS 3-state output structure.
•Port output control is enabled.
•Key input (key-on wake-up) interrupt
input pins
•LCD segment output pins


Similar Part No. - M38263EDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38263M1AXXXFP RENESAS-M38263M1AXXXFP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38263M1AXXXGP RENESAS-M38263M1AXXXGP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38263M2AXXXFP RENESAS-M38263M2AXXXFP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38263M2AXXXGP RENESAS-M38263M2AXXXGP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38263M3AXXXFP RENESAS-M38263M3AXXXFP Datasheet
986Kb / 93P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38263EDFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com