Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38264MDAXXXFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M38264MDAXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264MDAXXXFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M38264MDAXXXFP Datasheet HTML 3Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 4Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 5Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 6Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 7Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 8Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 9Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 10Page - Renesas Technology Corp M38264MDAXXXFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
Rev.2.00
May. 24, 2006
page 7 of 90
REJ03B0028-0200
3826 Group (A version)
GROUP EXPANSION
Renesas expands the 3826 group (A version) as follows.
Memory Type
Support for mask ROM version.
Memory Size
ROM size ........................................................... 48 K to 60 K bytes
RAM size .......................................................... 1536 to 2560 bytes
Packages
PLQP0100KB-A ......................... 0.5 mm-pitch plastic molded QFP
PRQP0100JB-A ....................... 0.65 mm-pitch plastic molded QFP
Memory Expansion Plan
Fig. 5 Memory expansion plan
ROM size (bytes)
RAM size (bytes)
256
512
768
1024
1280
1536
1792
192
2048
2304
2560
32K
28K
24K
20K
16K
12K
8K
4K
52K
48K
44K
40K
36K
56K
60K
M38268MCA
M3826AMFA
Mass production
Mass production
Currently planning products are listed below.
Table 3 Support products
As of Apr. 2006
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Package
PRQP0100JB-A
PLQP0100KB-A
PRQP0100JB-A
PLQP0100KB-A
Part number
M38268MCA-XXXFP
M38268MCA-XXXGP
M3826AMFA-XXXFP
M3826AMFA-XXXGP
RAM size (bytes)
1536
49152
(49022)
61440
(61310)
ROM size (bytes)
ROM size for User in (
)
2560


Similar Part No. - M38264MDAXXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38264E1FP RENESAS-M38264E1FP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264E1FS RENESAS-M38264E1FS Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264E1GP RENESAS-M38264E1GP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264E2FP RENESAS-M38264E2FP Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264E2FS RENESAS-M38264E2FS Datasheet
999Kb / 91P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38264MDAXXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com