Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M34282M2-XXXGP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M34282M2-XXXGP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M34282M2-XXXGP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M34282M2-XXXGP Datasheet HTML 1Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 2Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 3Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M34282M2-XXXGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 4 of 67
4282 Group
CONNECTIONS OF UNUSED PINS
Pin
D0–D7
E0, E1
E2
G0–G3
Connection
Open or connect to VDD pin (Note 1).
Set the output latch to “1” and open, or
connect to VDD pin (Note 2).
Open or connect to VSS pin.
Set the output latch to “1” and open, or
connect to VDD pin (Note 2).
Notes 1: Ports D4–D7: Set the bit 2 (PU02) of the pull-down control register PU1 to “0” by software and turn the pull-down transistor
OFF.
2: Set the corresponding bits of the pull-down control register PU0 to “0” by software and turn the pull-down transistor OFF.
(Note in order to set the output latch to “1” to make pins open)
• After system is released from reset, a port is in a high-impedance state until the output latch of the port is set to “1” by software.
Accordingly, the voltage level of pins is undefined and the excess of the supply current may occur.
• To set the output latch periodically is recommended because the value of output latch may change by noise or a program run away
(caused by noise).
(Note when connecting to VSS and VDD)
• Connect the unused pins to VSS or VDD at the shortest distance and use the thick wire against noise.
PORT FUNCTION
Control
bits
1 bit
Output:
2 bits
Input:
3 bits
4 bits
1 bit
Control
instructions
SD
RD
CLD
SD
RD
CLD
SZD
OEA
IAE
IAE
OGA
IAG
SCAR
RCAR
Control
registers
PU1
PU0
PU0
Output structure
P-channel open-drain
P-channel open-drain
P-channel open-drain
CMOS
Input/
Output
Output
(4)
I/O
(4)
I/O
(2)
Input
(1)
I/O
(4)
Output
(1)
Remark
Pull-down function and
key-on wakeup function
(programmable)
Pull-down function and
key-on wakeup function
(programmable)
Pull-down function and
key-on wakeup function
(programmable)
Pin
D0–D3
D4–D7
E0
E1
E2
G0–G3
CARR
Port
Port D
Port E
Port G
Port CARR
DEFINITION OF CLOCK AND CYCLE
• System clock (STCK)
The system clock is the source clock for controlling this product.
It can be selected as shown below whether to use the CCK
instruction.
CCK instruction
When not using
When using
Instruction clock
f(XIN)/32
f(XIN)/4
System clock
f(XIN)/8
f(XIN)
• Instruction clock (INSTCK)
The instruction clock is a signal derived by dividing the system
clock by 4, and is the basic clock for controlling CPU. The one
instruction clock cycle is equivalent to one machine cycle.
• Machine cycle
The machine cycle is the cycle required to execute the
instruction.


Similar Part No. - M34282M2-XXXGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M34282M2-XXXGP MITSUBISHI-M34282M2-XXXGP Datasheet
627Kb / 70P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results

Similar Description - M34282M2-XXXGP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com