Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30245FA-XXXGP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M30245FA-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245FA-XXXGP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M30245FA-XXXGP Datasheet HTML 1Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 2Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 3Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30245FA-XXXGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 266 page
background image
Rev.2.00
Oct 16, 2006
page 3 of 264
M30245 Group
Description
REJ03B0005-0200
A1
FB
Port P0
Port P1
Port P2
Port P3
Port P4
Port P5
Port P6
INTB
PC
FLG
R0H
R0L
R1H
R1L
R2
R3
A0
A1
FB
R0H
R0L
R1H
R1L
R2
R3
SB
Multiplier
M16C/62 16-bit CPU Core
ROM/FLASH
RAM
Memory
CRC Arithmetic Circuit
(X16+X12+X5+1, X16+X15+X2+1)
UART/Clock Synchronous SI/O
(8 bits X 4 channels)
A/D Converter
(10 bits X 8 channels)
DMAC
(4 channels)
USB Function
(Note 2)
USB FIFO
(3.25K bytes)
Timer TA0 (16 bits)
Timer TA1 (16 bits)
Timer TA2 (16 bits)
System Clock Generator
Xin - Xout
Xcin - Xcout
Watchdog Timer
(15 bits)
with frequency synthesizer
Internal Peripheral Functions
8
8
8
8
8
8
8
(Note 1)
Port P7
8
A0
USP
ISP
Program counter
Vector table
Stack pointer
Registers
Timer TA4 (16 bits)
Timer TA3 (16 bits)
Timers
Note 1: ROM size depends on MCU type
Note 2: RAM size depends on MCU type
AND flash control circuit
Applications
USB peripherals, such as telephones, audio systems, office equipment, communications equipment, portable
devices, scanners, digital cameras, and memory card readers.
Block Diagram
Figure 1.1 is a block diagram of the M30245 group.
Figure 1.1. Block diagram of M30245 group


Similar Part No. - M30245FA-XXXGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30245FA-XXXGP MITSUBISHI-M30245FA-XXXGP Datasheet
98Kb / 13P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30245FA-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com