Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30245F8-XXXGP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M30245F8-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30245F8-XXXGP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M30245F8-XXXGP Datasheet HTML 4Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 5Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 6Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 10Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 11Page - Renesas Technology Corp M30245F8-XXXGP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 266 page
background image
Rev.2.00
Oct 16, 2006
page 8 of 264
M30245 Group
Description
REJ03B0005-0200
Table 1.3
Pin description
With a 16-bit external data bus, data is written to even addresses when the
WRL signal is "L", and to the odd addresses when the WRH signal is "L". Data
is read when RD is "L".
Port
Function
Pin Name
I/O
Description
Power supply input
Vcc
3.0 to 3.6V
Vss
0V
CPU mode switch
CNVss
I
Connect to Vss: single-chip or memory expansion mode
Connect to Vcc: Microprocessor mode only
External data bus width select
input
BYTE
I
Selects external memory data bus width.
Connect to Vss: 16-bit.
Connect to Vcc: 8-bit.
Reset input
RESET
I
"L" resets the microcomputer.
Clock input
XIN
I
These pins support the main clock generating circuit. Connect a crystal between
the XIN and XOUT pins. To use an external clock, input it to the XIN pin and leave
the XOUT pin open.
Clock output
XOUT
O
Analog power supply input
AVcc
Connect to Vcc.
AVss
Connect to Vss.
Reference voltage input
VREF
I
This is a reference voltage for A/D converter.
Low pass filter
LPF
O
Loop filter for the frequency synthesizer circuit.
USB power supply input
UVcc
Power pin for USB
Vbus detect
VbusDTCT
I
Detects USB host power
USB D+
USB D+
I/O
USB D+ voltage line interface
USB D-
USB D-
I/O
USB D- voltage line interface
P0
I/O port
P00 to P07
I/O
This is an 8-bit CMOS I/O port. The input/output port direction register allows
each pin to be set individually. When used for input, the port can be set to
include internal pull-up resistors in 4-pin blocks.
Data bus
D0 to D7
I/O
These pins input and output 8 low-order data bits when set as a separate bus.
P1
I/O port
P10 to P17
I/O
This is an 8-bit I/O port equivalent to P0.
Data bus
D8 to D15
I/O
These pins input and output 8 high-order data bits when set as a separate bus.
P2
I/O port
P20 to P27
I/O
This is an 8-bit I/O port equivalent to P0.
Address bus
A0 to A7
O
These pins output 8 low-order address bits.
P3
I/O port
P30 to P37
I/O
This is an 8-bit I/O port equivalent to P0.
Address bus
A8 to A15
O
These pins output 8 middle-order address bits.
P4
I/O port
P40 to P47
I/O
This is an 8-bit I/O port equivalent to P0.
Address bus
A16 to A 19
O
These pins output 4 high-order address bits.
Chip select
CS0 to CS3
OP44 to P47 are chip select output pins that specify access areas.
P5
I/O port
P50 to P57
I/O
This is an 8-bit I/O port equivalent to P0.
Bus control
WRL/WR
O
Ouput WRL, WRH (WR, BHE), and RD bus control signals. Using WRL and
WRH or WR and BHE can be switched using software control.
WRL, WRH, and RD selected.
WR, BHE, and RD selected.
Data is written when WR is "L". Data is read when RD is "L". Odd addresses are
accessed when BHE is "L". Use this mode when using an 8-bit external data bus.
WRH/BHE
O
RD
O
BCLK
O
Output operation clock for the CPU.
HOLD
I
While the HOLD pin input is "L", the MCU is placed in the Hold state.
HLDA
O
The HLDA pin output is "L" while the MCU is in the hold state.
ALE
O
The ALE pin can be used to latch the address.
RDY
I
While the RDY pin input is "L", the MCU is in the ready state.
AND Flash control
AND_SC
AND_WE
AND_OE
O
Control signal pins for communicating with AND type flash memory devices
AND Flash control
AND_DATA0 to 7
I/O
Data pins for communicating with AND type flash memory devices


Similar Part No. - M30245F8-XXXGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30245F8-XXXGP MITSUBISHI-M30245F8-XXXGP Datasheet
98Kb / 13P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30245F8-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com