Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3159-E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK3159-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3159-E Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK3159-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3159-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00 May 15, 2006 page 1 of 7
2SK3159
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1084-0400
Rev.4.00
May 15, 2006
Features
• Low on-resistance
RDS = 23 m
Ω typ.
• High speed switching
• 4 V gate drive device can be driven from 5 V source
Outline
RENESAS Package code: PRSS0004ZE-A
(Package name: TO-3P)
1. Gate
2. Drain
(Flange)
3. Source
D
S
G
1
2
3


Similar Part No. - 2SK3159-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3159 HITACHI-2SK3159 Datasheet
27Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3159 ISC-2SK3159 Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3159 RENESAS-2SK3159_15 Datasheet
112Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3159 RENESAS-2SK3159_16 Datasheet
272Kb / 8P
   150V - 50A - MOS FET High Speed Power Switching
More results

Similar Description - 2SK3159-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com