Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4NF100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS4NF100
Description  N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4NF100 Datasheet(HTML) 5 Page - STMicroelectronics

  STS4NF100 Datasheet HTML 1Page - STMicroelectronics STS4NF100 Datasheet HTML 2Page - STMicroelectronics STS4NF100 Datasheet HTML 3Page - STMicroelectronics STS4NF100 Datasheet HTML 4Page - STMicroelectronics STS4NF100 Datasheet HTML 5Page - STMicroelectronics STS4NF100 Datasheet HTML 6Page - STMicroelectronics STS4NF100 Datasheet HTML 7Page - STMicroelectronics STS4NF100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5/8
STS4NF100
Normalized Gate Threshold Voltage vs Temperature
Normalized on Resistance vs Temperature
Source-drain Diode Forward Characteristics
.
.
.


Similar Part No. - STS4NF100

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4NF100 VBSEMI-STS4NF100 Datasheet
1,020Kb / 9P
   N-Channel 100 V (D-S) MOSFET
STS4NF100T VBSEMI-STS4NF100T Datasheet
626Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - STS4NF100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
   N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET??II POWER MOSFET
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
   P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
   N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
   DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
   N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com