Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4NF100 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS4NF100
Description  N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET??II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4NF100 Datasheet(HTML) 2 Page - STMicroelectronics

  STS4NF100 Datasheet HTML 1Page - STMicroelectronics STS4NF100 Datasheet HTML 2Page - STMicroelectronics STS4NF100 Datasheet HTML 3Page - STMicroelectronics STS4NF100 Datasheet HTML 4Page - STMicroelectronics STS4NF100 Datasheet HTML 5Page - STMicroelectronics STS4NF100 Datasheet HTML 6Page - STMicroelectronics STS4NF100 Datasheet HTML 7Page - STMicroelectronics STS4NF100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS4NF100
2/8
THERMAL DATA
(*) Mounted on FR-4 board (t
[ 10 sec.)
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (*)
DYNAMIC
Rthj-amb
Tj
Tstg
(*)Thermal Resistance Junction-ambient
Single Operatio
Thermal Operating Junction-ambient
Storage Temperature
50
-55 to 150
-55 to 150
°C/W
°C
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
100
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
23
4
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10 V
ID = 2 A
0.065
0.070
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS>ID(on)xRDS(on)max ID =2 A
10
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
870
125
52
pF
pF
pF


Similar Part No. - STS4NF100

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4NF100 VBSEMI-STS4NF100 Datasheet
1,020Kb / 9P
   N-Channel 100 V (D-S) MOSFET
STS4NF100T VBSEMI-STS4NF100T Datasheet
626Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - STS4NF100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
   N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET??II POWER MOSFET
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
   P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
   N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
   DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
   N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com