Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M38K09M1-XXXFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38K09M1-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09M1-XXXFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38K09M1-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 12Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 13Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 14Page - Renesas Technology Corp M38K09M1-XXXFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
38K0 Group
Rev.3.00
Oct 05, 2006
page 11 of 129
REJ03B0192-0300
Fig. 9 Memory map of special function register (SFR)
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
002F16
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
000016
000116
000216
000316
000416
000516
000616
000716
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
001016
001116
001216
001316
001416
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
Port P0 (P0)
Port P1 (P1)
Port P1 direction register (P1D)
Port P2 (P2)
Port P2 direction register (P2D)
Port P3 (P3)
Port P4 (P4)
Port P4 direction register (P4D)
Port P5 (P5)
Port P5 direction register (P5D)
Port P6 (P6)
Port P6 direction register (P6D)
Serial I/O status register (SIOSTS)
Interrupt control register 2(ICON2)
Transmit/Receive buffer register (TB/RB)
CPU mode register (CPUM)
Interrupt request register 1(IREQ1)
Interrupt request register 2(IREQ2)
Interrupt control register 1(ICON1)
Prescaler 12 (PRE12)
Timer 2 (T2)
Prescaler X (PREX)
Timer X (TX)
Timer 1 (T1)
Timer X mode register (TM)
AD control register (ADCON)
AD conversion register 1 (AD1)
Port P0 direction register (P0D)
Port P3 direction register (P3D)
Reserved (Note)
Reserved (Note)
USB control register (USBCON)
USB address enable register (USBAE)
USB address 0 register (USBA0)
USB address 1 register (USBA1)
Endpoint index register (USBINDEX)
Endpoint field register 1 (EPXXREG1)
Endpoint field register 2 (EPXXREG2)
Endpoint field register 3 (EPXXREG3)
Endpoint field register 4 (EPXXREG4)
Endpoint field register 5 (EPXXREG5)
Endpoint field register 6 (EPXXREG6)
Endpoint field register 7 (EPXXREG7)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Frame number register Low (FNUML)
Frame number register High (FNUMH)
USB interrupt source enable register (USBICON)
USB interrupt source register (USBIREQ)
EXB interrupt source enable register (EXBICON)
EXB interrupt source register (EXBIREQ)
Reserved (Note)
EXB index register (EXBINDEX)
EXB field register 1 (EXBREG1)
EXB field register 2 (EXBREG2)
AD conversion register 2 (AD2)
Watchdog timer control register (WDTCON)
Reserved (Note)
0FE016
0FE116
0FE216
0FE316
0FE416
0FE516
0FE616
0FE716
0FE816
0FE916
0FEA16
Flash memory control register (FMCR)
PLL control register (PLLCON)
Port P5 pull-up control register (PULL5)
Endpoint field register 8 (EPXXREG8)
Endpoint field register 9 (EPXXREG9)
Serial I/O control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
Port P0 pull-up control register (PULL0)
Interrupt edge selection register (INTEDGE)
Reserved (Note)
0FEB16
0FEC16
0FED16
0FEE16
0FEF16
0FF016
0FF116
0FF216
0FF316
0FF416
0FF516
0FF616
0FF716
0FF816
0FF916
0FFA16
0FFB16
0FFC16
0FFD16
0FFE16
0FFF16
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
MISRG
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Reserved (Note)
Note: Do not write any data to these addresses, because these areas are reserved.


Similar Part No. - M38K09M1-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38K09M1 RENESAS-M38K09M1 Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38K09M1FP RENESAS-M38K09M1FP Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38K09M1HP RENESAS-M38K09M1HP Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38K09M1-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com