Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4DPFS2LS Datasheet(PDF) 8 Page - STMicroelectronics

Part # STS4DPFS2LS
Description  P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DPFS2LS Datasheet(HTML) 8 Page - STMicroelectronics

  STS4DPFS2LS Datasheet HTML 1Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 2Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 3Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 4Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 5Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 6Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 7Page - STMicroelectronics STS4DPFS2LS Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STS4DPFS2LS
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


Similar Part No. - STS4DPFS2LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
   P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STS4DPFS2LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
   P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
   P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
   N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
   N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
   DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
   P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET??II MOSFET PLUS SCHOTTKY DIODE
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
   P-CHANNEL 20V - 0.045??- 5A SO-8 STripFET??II MOSFET
September 2004 Rev. 2
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
   P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com