Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

455A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 455A
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

455A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 455A Datasheet HTML 2Page - Renesas Technology Corp 455A Datasheet HTML 3Page - Renesas Technology Corp 455A Datasheet HTML 4Page - Renesas Technology Corp 455A Datasheet HTML 5Page - Renesas Technology Corp 455A Datasheet HTML 6Page - Renesas Technology Corp 455A Datasheet HTML 7Page - Renesas Technology Corp 455A Datasheet HTML 8Page - Renesas Technology Corp 455A Datasheet HTML 9Page - Renesas Technology Corp 455A Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
Rev.1.01
Feb 15, 2008
Page 6 of 146
REJ03B0224-0101
455A Group
Note 1. Pins except above have just single function.
Note 2. The input/output of D5 can be used even when INT is selected.
Be careful when using inputs of both INT and D5 since the input threshold value of INT pin is different from that of port D5.
Note 3. “H“ output function of port C can be used even when the CNTR (output) is used.
PORT FUNCTION
Table 4
Pin description
Pin
Multifunction
Pin
Multifunction
Pin
Multifunction
Pin
Multifunction
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30
P31
P32
P33
D5
D6
D7
C
SEG0
SEG1
SEG2
SEG28
SEG29
SEG30
SEG31
INT
XCIN
XCOUT
CNTR
VLC3
VLC2
VLC1
SEG28
SEG29
SEG30
SEG31
INT
XCIN
XCOUT
CNTR
VLC3
VLC2
VLC1
P30
P31
P32
P33
D5
D6
D7
C
SEG0
SEG1
SEG2
Table 5
Port function
Port
Pin
Input
Output
Output
structure
I/O unit
Control
instructions
Control
registers
Remark
Port D
D0
−D4,
D5
/INT
I/O
(6)
N-channel
open-drain/
CMOS
1 bit
SD, RD
SZD, CLD
FR1, FR2,
I1, K3, PU3
Programmable pull-up, key-
on wakeup and output
structure selection function
D6/XCIN,
D7/XCOUT
I/O
(2)
N-channel
open-drain
RG, K3, PU3
Programmable pull-up and
key-on wakeup function
Port P0
P00/SEG16,
P01/SEG17,
P02/SEG18,
P03/SEG19
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP0A
IAP0
PU0, K0,
FR0, C1
Programmable pull-up, key-
on wakeup and output
structure selection function
Port P1
P10/SEG20,
P11/SEG21,
P12/SEG22,
P13/SEG23
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP1A
IAP1
PU0, K0,
FR0, C2
Programmable pull-up, key-
on wakeup and output
structure selection function
Port P2
P20/SEG24,
P21/SEG25,
P22/SEG26,
P23/SEG27,
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP2A
IAP2
PU1, K1,
FR3, L3
Programmable pull-up, key-
on wakeup and output
structure selection function
Port P3
P30/SEG28,
P31/SEG29,
P32/SEG30,
P33/SEG31
I/O
(4)
N-channel
open-drain/
CMOS
4 bits
OP3A
IAP3
PU2, K2, K3,
FR2, C3
Programmable pull-up, key-
on wakeup and output
structure selection function
Port C
C/CNTR
Output
(1)
CMOS
1 bit
RCP
SCP
W1, W2, W4


Similar Part No. - 455A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Laird Tech Smart Techno...
455-00058B LSTD-455-00058B Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
455-00083 LSTD-455-00083 Datasheet
294Kb / 2P
   Bluetooth v5 Long Range IP67 Multi Sensor
logo
List of Unclassifed Man...
455-1620 ETC1-455-1620 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
455-200 ETC2-455-200 Datasheet
37Kb / 1P
   T-1(3mm) T-1 3/4(5mm) MOLDED LED MOUNT
More results

Similar Description - 455A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com