Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1209 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1209
Description  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1209 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1209 Datasheet HTML 1Page - Renesas Technology Corp 2SD1209 Datasheet HTML 2Page - Renesas Technology Corp 2SD1209 Datasheet HTML 3Page - Renesas Technology Corp 2SD1209 Datasheet HTML 4Page - Renesas Technology Corp 2SD1209 Datasheet HTML 5Page - Renesas Technology Corp 2SD1209 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1209(K)
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
100
150
1.0
1.0
0.5
0.2
0.1
5
2
10
5
2
Collector to Emitter Voltage VCE (V)
Area of Safe Operation
10
20
50
100
Ta = 25
°C
1 Shot Pulse
iC(peak)
0.2
0.1
0
0.4
0.3
0.5
2
1
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
34
5
Ta = 25
°C
Pulse
IB = 0
2
µA
4
6
8
10
12
14
16
0.01
105
104
103
0.05
0.02
Collector Current IC (A)
DC Current Transfer Ratio vs.
Collector Current
0.1
0.2
0.5
1.0
VCE = 3 V
Pulse
Ta = –25°C
25
75
0.1
0.05
0.02
0.01
0.1
0.5
0.2
10
0.5
1.0
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
25
10
VCE = 3 V
Ta = 25
°C
Pulse
1.0
0.5
0.2
0.01
0.1
5
2
10
0.02
0.05
Collector Current IC (A)
Collector to Emitter Saturation
Voltage vs. Collector Current
0.2
0.1
0.5
1.0
IC = 1000 IB
Pulse
Ta = –25
°C
25
75


Similar Part No. - 2SD1209

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1209K HITACHI-2SD1209K Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SD1209

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com