Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR2AM Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # CR2AM
Description  LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR2AM Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  CR2AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CR2AM Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR2AM
LOW POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
102
100
101
103
7
5
3
2
23
5 7
102
4
104
7
5
3
2
4
42 3
5 7
4
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (µs)
# 1
# 2
TYPICAL EXAMPLE
IGT (DC)
# 1
19µA
# 2
66µA
Tj = 25°C


Similar Part No. - CR2AM

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
CR2AM HAOPIN-CR2AM Datasheet
277Kb / 5P
   Blocking voltage to 400 V
More results

Similar Description - CR2AM

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
CR03AM ARTSCHIP-CR03AM Datasheet
69Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR03AM MITSUBISHI-CR03AM Datasheet
67Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3EM MITSUBISHI-CR3EM Datasheet
65Kb / 5P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR08AS MITSUBISHI-CR08AS Datasheet
76Kb / 6P
   LOW POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3JM MITSUBISHI-CR3JM Datasheet
67Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR3AMZ MITSUBISHI-CR3AMZ Datasheet
65Kb / 4P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR3JM RENESAS-CR3JM_15 Datasheet
123Kb / 7P
   LOW POWER, STROBE USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR8AM MITSUBISHI-CR8AM Datasheet
70Kb / 5P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
CR10C MITSUBISHI-CR10C Datasheet
59Kb / 4P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
logo
Renesas Technology Corp
CR6CM RENESAS-CR6CM_15 Datasheet
128Kb / 8P
   MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com