Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4DNF60L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS4DNF60L
Description  N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DNF60L Datasheet(HTML) 5 Page - STMicroelectronics

  STS4DNF60L Datasheet HTML 1Page - STMicroelectronics STS4DNF60L Datasheet HTML 2Page - STMicroelectronics STS4DNF60L Datasheet HTML 3Page - STMicroelectronics STS4DNF60L Datasheet HTML 4Page - STMicroelectronics STS4DNF60L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 1998 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
.
STS4DNF60L
5/5


Similar Part No. - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4DNF60L VBSEMI-STS4DNF60L Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
   N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
STS4NF100 STMICROELECTRONICS-STS4NF100 Datasheet
274Kb / 8P
   N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET??II POWER MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
   N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com