Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4DNF60L Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS4DNF60L
Description  N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DNF60L Datasheet(HTML) 4 Page - STMicroelectronics

  STS4DNF60L Datasheet HTML 1Page - STMicroelectronics STS4DNF60L Datasheet HTML 2Page - STMicroelectronics STS4DNF60L Datasheet HTML 3Page - STMicroelectronics STS4DNF60L Datasheet HTML 4Page - STMicroelectronics STS4DNF60L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M0.6
0.023
S
8 (max.)
0016023
SO-8 MECHANICAL DATA
STS4DNF60L
4/5


Similar Part No. - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4DNF60L VBSEMI-STS4DNF60L Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STS4DNF60L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L_07 Datasheet
300Kb / 12P
   P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
   N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
135Kb / 6P
   DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
STS4NF100 STMICROELECTRONICS-STS4NF100 Datasheet
274Kb / 8P
   N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET??II POWER MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
   N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com