Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M306H7MG-XXXFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M306H7MG-XXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
Download  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H7MG-XXXFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M306H7MG-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M306H7MG-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 329 page
background image
Rev.2.10
Oct 25, 2006
Page 5 of 326
REJ03B0152-0210
M306H7MG-XXXFP/MC-XXXFP/FGFP
1.DESCRIPTION
NOTES:
1. I2C bus is a registered trademark of Koninklijke Philips Electronics N.V. If you desire this option,
please so specify.
2. IEBus is a registered trademark of NEC Electronics Corporation.
3. If the VCC2 supply voltage is less than 4.50 V, the A/D converter, data slicer cannot be used.
4. If the VCC2 supply voltage is less than 2.60 V, be aware that only the CPU, RAM, clock timer,
interrupt, and I/O ports can be used. Other control circuits (e.g., timers A and B, serial I/O, UART)
cannot be used.
Table 1.2
Product table
Figure 1.2
Type No, Memory Size, and Package
RAM capacity
ROM capacity
Package type
Remarks
Type No.
256K bytes
Mask ROM version
Flash Memory version
8K bytes
128K bytes
5K bytes
256K bytes
8K bytes
M306H7MG-XXXFP
M306H7FGFP
100P6S-A
Mask ROM version
M306H7MC-XXXFP
Package type:
FP : Package 100P6S-A
ROM No.
Omitted for flash memory version
ROM capacity:
G : 256K bytes
C : 128K bytes
Memory type:
M : Mask ROM version
F : Flash memory version
Type No. M30 6H
7 M G
-
XXX FP
Shows RAM capacity, pin count, etc
(The value itself has no specific meaning)
M16C/6H Group
M16C Family


Similar Part No. - M306H7MG-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
M306H2FCFP RENESAS-M306H2FCFP Datasheet
3Mb / 251P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H2MC RENESAS-M306H2MC Datasheet
3Mb / 210P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H2MC-XXXFP RENESAS-M306H2MC-XXXFP Datasheet
3Mb / 210P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H3FCFP RENESAS-M306H3FCFP Datasheet
2Mb / 325P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
More results

Similar Description - M306H7MG-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306H2FCFP RENESAS-M306H2FCFP Datasheet
3Mb / 251P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H2MC-XXXFP RENESAS-M306H2MC-XXXFP Datasheet
3Mb / 210P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H3MC-XXXFP RENESAS-M306H3MC-XXXFP Datasheet
2Mb / 325P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com