Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4DNF30L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS4DNF30L
Description  DUAL N-CHANNEL 30V - 0.039ohm - 4A SO-8 STripFET??POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4DNF30L Datasheet(HTML) 2 Page - STMicroelectronics

  STS4DNF30L Datasheet HTML 1Page - STMicroelectronics STS4DNF30L Datasheet HTML 2Page - STMicroelectronics STS4DNF30L Datasheet HTML 3Page - STMicroelectronics STS4DNF30L Datasheet HTML 4Page - STMicroelectronics STS4DNF30L Datasheet HTML 5Page - STMicroelectronics STS4DNF30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STS4DNF30L
2/6
THERMAL DATA
MOSFET ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
DYNAMIC
Rthj-amb
(*)Thermal Resistance Junction-ambient Max
62.5
°C/W
Tstg
Storage Temperature Range
-55 to 150
°C
Tl
Junction Temperature
150
°C
(*) Mounted on FR-4 board (t
≤ 10sec)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
30
V
IDSS
Zero Gate Voltage
Drain Current (VGS =0)
VDS = Max Rating
1µA
VDS = Max Rating, TC = 125 °C
10
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS = ± 16 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS =VGS,ID = 250µA
1V
RDS(on)
Static Drain-source On
Resistance
VGS =10V, ID =2 A
0.039
0.050
VGS = 4.5V, ID =2 A
0.046
0.060
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward Transconductance
VDS >ID(on) xRDS(on)max,
ID =2A
13
S
Ciss
Input Capacitance
VDS = 25V,f= 1MHz,VGS =0
330
pF
Coss
Output Capacitance
90
pF
Crss
Reverse Transfer
Capacitance
40
pF


Similar Part No. - STS4DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
logo
VBsemi Electronics Co.,...
STS4DNF30L VBSEMI-STS4DNF30L Datasheet
924Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
More results

Similar Description - STS4DNF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
STS5DNE30L STMICROELECTRONICS-STS5DNE30L Datasheet
70Kb / 5P
   N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7DNF30L STMICROELECTRONICS-STS7DNF30L Datasheet
46Kb / 6P
   DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
   DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
   Dual N-channel 30V - 0.09廓 - 3A SO-8 STripFET??Power MOSFET
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
   N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com