Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30873FHGP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M30873FHGP
Description  RENESAS MCU
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30873FHGP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M30873FHGP Datasheet HTML 1Page - Renesas Technology Corp M30873FHGP Datasheet HTML 2Page - Renesas Technology Corp M30873FHGP Datasheet HTML 3Page - Renesas Technology Corp M30873FHGP Datasheet HTML 4Page - Renesas Technology Corp M30873FHGP Datasheet HTML 5Page - Renesas Technology Corp M30873FHGP Datasheet HTML 6Page - Renesas Technology Corp M30873FHGP Datasheet HTML 7Page - Renesas Technology Corp M30873FHGP Datasheet HTML 8Page - Renesas Technology Corp M30873FHGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
M32C/87 Group (M32C/87, M32C/87A, M32C/87B)
1. Overview
REJ03B0127-0151 Rev.1.51 Jul 31, 2008
Page 5 of 85
Table 1.4
Specifications (100-Pin Package) (2/2)
NOTES:
1. IEBus is a registered trademark of NEC Electronics Corporation.
2. Available in UART0.
3. Please contact a Renesas sales office for optional features.
Item
Function
Specification
Serial Interface UART0 to UART4
Clock synchronous/asynchronous × 5
I2C bus, special mode 2, GCI mode, SIM mode,
IrDA mode(2), IEBus (optional)(1)(3)
UART5
Clock synchronous/asynchronous × 1
A/D Converter
10-bit resolution × 26 channels (in single-chip mode)
10-bit resolution × 10 channels (in memory expansion mode
and microprocessor mode)
Including sample and hold function
D/A Converter
8-bit resolution × 2 channels
CRC Calculation Circuit
CRC-CCITT (X16 + X12 + X5 + 1) compliant
X/Y Converter
16 bits x 16 bits
Intelligent I/O
16-bit timer × 2
• Time measurement function (input capture): 8 channels
• Waveform generation function (output compare): 10 channels
• Communication function: Clock synchronous mode, clock
asynchronous mode, HDLC data processing mode,
IEBus (optional)(1)(3)
• 2-phase pulse signal processing (2-phase encoder input) × 1
ROM Correction Function
Address match interrupt × 8
CAN modules
Supporting CAN 2.0B specification
M32C/87: 16 slots × 2 channels, M32C/87A: 16 slots × 1 channel
M32C/87B: none
I/O Ports
Programmable I/O
ports
• Input only: 1
• CMOS I/O: 85, selectable pull-up resistor
• N channel open drain ports: 2
Flash Memory
• Erase and program voltage: 3.3 V ± 0.3 V or 5.0 V ± 0.5 V
• Erase and program endurance: 100 times (all areas)
• Program security: ROM code protect and ID code check
• Debug functions: On-chip debug and on-board flash reprogram
Operating Frequency/Supply Voltage 32 MHz: VCC1 = 4.2 to 5.5 V, VCC2 = 3.0 V to VCC1
24 MHz: VCC1 = 3.0 to 5.5 V, VCC2 = 3.0 V to VCC1
Current Consumption
32 mA (32 MHz, VCC1 = VCC2 = 5 V)
23 mA (24 MHz, VCC1 = VCC2 = 3.3 V)
45
μA (approx. 1 MHz, VCC1 = VCC2 = 3.3 V,
on-chip oscillator low-power consumption mode
→ wait mode)
0.8
μA (VCC1 = VCC2 = 3.3 V, stop mode)
Operating Ambient Temperature (
°C) -20 to 85°C, -40 to 85°C (optional)(3)
Package
100-pin LQFP (PLQP0100KB-A)
100-pin QFP (PRQP0100JB-A)


Similar Part No. - M30873FHGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30800FCFP MITSUBISHI-M30800FCFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FCGP MITSUBISHI-M30800FCGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGFP MITSUBISHI-M30800FGFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGGP MITSUBISHI-M30800FGGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800MC MITSUBISHI-M30800MC Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
More results

Similar Description - M30873FHGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com