Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3DPFS45 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS3DPFS45
Description  P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS45 Datasheet(HTML) 4 Page - STMicroelectronics

  STS3DPFS45 Datasheet HTML 1Page - STMicroelectronics STS3DPFS45 Datasheet HTML 2Page - STMicroelectronics STS3DPFS45 Datasheet HTML 3Page - STMicroelectronics STS3DPFS45 Datasheet HTML 4Page - STMicroelectronics STS3DPFS45 Datasheet HTML 5Page - STMicroelectronics STS3DPFS45 Datasheet HTML 6Page - STMicroelectronics STS3DPFS45 Datasheet HTML 7Page - STMicroelectronics STS3DPFS45 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STS3DPFS45
4/8
Output Characteristics
Transfer Characteristics
Transconductance
Static Drain-source On Resistance
Gate Charge vs Gate-source Voltage
Capacitance Variations


Similar Part No. - STS3DPFS45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STS3DPFS45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
   N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
   P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
   P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS2LS STMICROELECTRONICS-STS4DPFS2LS Datasheet
264Kb / 8P
   P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
   P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
   DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET??POWER MOSFET
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
   P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET??II MOSFET PLUS SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com