Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK319 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 3SK319
Description  Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3SK319 Datasheet(HTML) 2 Page - Renesas Technology Corp

  3SK319 Datasheet HTML 1Page - Renesas Technology Corp 3SK319 Datasheet HTML 2Page - Renesas Technology Corp 3SK319 Datasheet HTML 3Page - Renesas Technology Corp 3SK319 Datasheet HTML 4Page - Renesas Technology Corp 3SK319 Datasheet HTML 5Page - Renesas Technology Corp 3SK319 Datasheet HTML 6Page - Renesas Technology Corp 3SK319 Datasheet HTML 7Page - Renesas Technology Corp 3SK319 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3SK319
Rev.2.00 Aug 10, 2005 page 2 of 7
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
6
V
Gate1 to source voltage
VG1S
±6
V
Gate2 to source voltage
VG2S
±6
V
Drain current
ID
20
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
6
V
ID = 200
µA, VG1S = VG2S = 0
Gate1 to source breakdown voltage
V(BR)G1SS
±6
V
IG1 = ±10
µA, VG2S = VDS = 0
Gate2 to source breakdown
voltage
V(BR)G2SS
±6
V
IG2 = ±10
µA, VG1S = VDS = 0
Gate1 to source cutoff current
IG1SS
±100
nA
VG1S = ±5 V, VG2S = VDS = 0
Gate2 to source cutoff current
IG2SS
±100
nA
VG2S = ±5 V, VG1S = VDS = 0
Gate1 to source cutoff voltage
VG1S(off)
0.5
0.7
1.0
V
VDS = 5 V, VG2S = 3 V, ID = 100
µA
Gate2 to source cutoff voltage
VG2S(off)
0.5
0.7
1.0
V
VDS = 5 V, VG1S = 3 V, ID = 100
µA
Drain current
IDS(op)
0.5
4
10
mA
VDS = 3.5 V, VG1S = 1.1 V,
VG2S = 3 V
Forward transfer admittance
|yfs|
18
24
32
mS
VDS = 3.5 V, VG2S = 3 V
ID = 10 mA , f = 1 kHz
Input capacitance
Ciss
1.3
1.6
1.9
pF
Output capacitance
Coss
0.9
1.2
1.5
pF
Reverse transfer capacitance
Crss
0.019
0.03
pF
VDS = 3.5V, VG2S = 3V
ID = 10mA , f = 1MHz
Power gain
PG
18
21
dB
Noise figure
NF
1.4
2.2
dB
VDS = 3.5 V, VG2S = 3 V
ID = 10 mA , f = 900 MHz


Similar Part No. - 3SK319

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
More results

Similar Description - 3SK319

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK318 RENESAS-3SK318 Datasheet
183Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
logo
Hitachi Semiconductor
3SK319 HITACHI-3SK319 Datasheet
49Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK318 HITACHI-3SK318 Datasheet
54Kb / 9P
   Silicon N-Channel Dual Gate MOS FET UHF RF Amplifier
3SK300 HITACHI-3SK300 Datasheet
39Kb / 9P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK317 HITACHI-3SK317 Datasheet
38Kb / 8P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Renesas Technology Corp
3SK317 RENESAS-3SK317 Datasheet
76Kb / 7P
   Silicon N-Channel Dual Gate MOS FET UHF / VHF RF Amplifier
3SK300 RENESAS-3SK300 Datasheet
159Kb / 7P
   Silicon N Channel Dual Gate MOS FET UHF / VHF RF Amplifier
logo
Hitachi Semiconductor
3SK309 HITACHI-3SK309 Datasheet
59Kb / 11P
   GaAs N Channel Dual Gate MES FET UHF RF Amplifier
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
logo
Renesas Technology Corp
2SK2596 RENESAS-2SK2596 Datasheet
61Kb / 5P
   Silicon N-Channel MOS FET UHF Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com