Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30845FJGP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M30845FJGP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30845FJGP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M30845FJGP Datasheet HTML 5Page - Renesas Technology Corp M30845FJGP Datasheet HTML 6Page - Renesas Technology Corp M30845FJGP Datasheet HTML 7Page - Renesas Technology Corp M30845FJGP Datasheet HTML 8Page - Renesas Technology Corp M30845FJGP Datasheet HTML 9Page - Renesas Technology Corp M30845FJGP Datasheet HTML 10Page - Renesas Technology Corp M30845FJGP Datasheet HTML 11Page - Renesas Technology Corp M30845FJGP Datasheet HTML 12Page - Renesas Technology Corp M30845FJGP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
Page 9
1. Overview
5
8
f
o
5
0
0
2
,
8
0
.
l
u
J
1
2
.
1
.
v
e
R
)
T
4
8
/
C
2
3
M
,
4
8
/
C
2
3
M
(
p
u
o
r
G
4
8
/
C
2
3
M
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
VSS
VCC2
VCC2
VSS
VCC2
VSS
P136
P135
P134
P57
P56
P55
P54
P133
P132
P131
P130
P53
P52
P51
P50
P127
P126
P125
P47
P46
P45
P44
P43
P42
P41
P40
P37
P36
P35
P34
P33
P32
P31
P124
P123
P122
P121
P120
P30
P27
P26
P25
Timer Pin
UART/CAN Pin
AN27
AN26
AN25
RDY
ALE
HOLD
HLDA/ALE
CLKOUT/BCLK/ALE
RD
WRH/BHE
WRL/WR
CS0/A23
CS1/A22
CS2/A21
CS3/A20
A19
A18
A17
A16
A15(/D15)
A14(/D14)
A13(/D13)
A12(/D12)
A11(/D11)
A10(/D10)
A9(/D9)
A8(/D8)
A7(/D7)
A6(/D6)
A5(/D5)
Intelligent I/O Pin
Bus Control Pin
Analog Pin
Interrupt
Pin
Pin
No.
Control
Pin
Port
NOTES:
1. Bus control pins in M32C/84T cannot be used.
Table 1.4 Pin Characteristics for 144-Pin Package (Continued)


Similar Part No. - M30845FJGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30800FCFP MITSUBISHI-M30800FCFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FCGP MITSUBISHI-M30800FCGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGFP MITSUBISHI-M30800FGFP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800FGGP MITSUBISHI-M30800FGGP Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
M30800MC MITSUBISHI-M30800MC Datasheet
4Mb / 317P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
More results

Similar Description - M30845FJGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C RENESAS-M32C_15 Datasheet
952Kb / 87P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C82 RENESAS-M32C82_15 Datasheet
941Kb / 84P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C84 RENESAS-M32C84_15 Datasheet
910Kb / 91P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C85 RENESAS-32C85 Datasheet
816Kb / 92P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C88T RENESAS-32C88T Datasheet
382Kb / 59P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
M32C85 RENESAS-M32C85_15 Datasheet
930Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C83 RENESAS-32C83 Datasheet
840Kb / 94P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C81 RENESAS-32C81 Datasheet
869Kb / 85P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C86 RENESAS-32C86 Datasheet
561Kb / 69P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com