Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3DPFS30L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS3DPFS30L
Description  P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS30L Datasheet(HTML) 5 Page - STMicroelectronics

  STS3DPFS30L Datasheet HTML 1Page - STMicroelectronics STS3DPFS30L Datasheet HTML 2Page - STMicroelectronics STS3DPFS30L Datasheet HTML 3Page - STMicroelectronics STS3DPFS30L Datasheet HTML 4Page - STMicroelectronics STS3DPFS30L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
STS3DPFS30L
5/5


Similar Part No. - STS3DPFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
   P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STS3DPFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
   P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
STS8NFS30L STMICROELECTRONICS-STS8NFS30L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
   N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
   P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STM2DPFS30L STMICROELECTRONICS-STM2DPFS30L Datasheet
48Kb / 6P
   P - CHANNEL 30V - 0.145ohm - 2A MiniS0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
July 1999
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
   P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
   N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
   N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
   P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com