Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3DPFS30 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS3DPFS30
Description  P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS30 Datasheet(HTML) 4 Page - STMicroelectronics

  STS3DPFS30 Datasheet HTML 1Page - STMicroelectronics STS3DPFS30 Datasheet HTML 2Page - STMicroelectronics STS3DPFS30 Datasheet HTML 3Page - STMicroelectronics STS3DPFS30 Datasheet HTML 4Page - STMicroelectronics STS3DPFS30 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45 (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M0.6
0.023
S
8 (max.)
0016023
SO-8 MECHANICAL DATA
STS3DPFS30
4/5


Similar Part No. - STS3DPFS30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
   P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STS3DPFS30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
   P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS8NFS30L STMICROELECTRONICS-STS8NFS30L Datasheet
84Kb / 8P
   N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPF30L STMICROELECTRONICS-STS3DPF30L Datasheet
72Kb / 5P
   DUAL P - CHANNEL 30V - 0.145ohm - 3A SO-8 STripFETO POWER MOSFET
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
   N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
   P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STM2DPFS30L STMICROELECTRONICS-STM2DPFS30L Datasheet
48Kb / 6P
   P - CHANNEL 30V - 0.145ohm - 2A MiniS0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
July 1999
STS3DPFS45 STMICROELECTRONICS-STS3DPFS45 Datasheet
263Kb / 8P
   P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET??MOSFET PLUS SCHOTTKY RECTIFIER
STS5DNE30L STMICROELECTRONICS-STS5DNE30L Datasheet
70Kb / 5P
   N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com