Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16C6NK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 16C6NK
Description  Renesas MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

16C6NK Datasheet(HTML) 1 Page - Renesas Technology Corp

  16C6NK Datasheet HTML 1Page - Renesas Technology Corp 16C6NK Datasheet HTML 2Page - Renesas Technology Corp 16C6NK Datasheet HTML 3Page - Renesas Technology Corp 16C6NK Datasheet HTML 4Page - Renesas Technology Corp 16C6NK Datasheet HTML 5Page - Renesas Technology Corp 16C6NK Datasheet HTML 6Page - Renesas Technology Corp 16C6NK Datasheet HTML 7Page - Renesas Technology Corp 16C6NK Datasheet HTML 8Page - Renesas Technology Corp 16C6NK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Rev.2.10
Aug 25, 2006
page 1 of 81
REJ03B0058-0210
M16C/6N Group (M16C/6NK, M16C/6NM)
Renesas MCU
Under development
This document is under development and its contents are subject to change
Specifications written in this manual are believed to be accurate, but are not
guaranteed to be entirely free of error. Specifications in this manual may be
changed for functional or performance improvements. Please make sure your
manual is the latest edition.
REJ03B0058-0210
Rev.2.10
Aug 25, 2006
1. Overview
The M16C/6N Group (M16C/6NK, M16C/6NM) of MCUs are built using the high-performance silicon gate
CMOS process using the M16C/60 Series CPU core and are packaged in 100-pin and 128-pin plastic
molded LQFP. These MCUs operate using sophisticated instructions featuring a high level of instruction
efficiency. With 1 Mbyte of address space, they are capable of executing instructions at high speed. Being
equipped with two CAN (Controller Area Network) modules in the M16C/6N Group (M16C/6NK, M16C/6NM),
the MCU is suited to drive automotive and industrial control systems. The CAN modules comply with the 2.0B
specification. In addition, this MCU contains a multiplier and DMAC which combined with fast instruction
processing capability, makes it suitable for control of various OA, communication equipment which requires
high-speed arithmetic/logic operations.
1.1 Applications
• Car audio and industrial control systems, other (Normal-ver. product)
• Automotive, industrial control systems and other automobile, other (T/V-ver. product)


Similar Part No. - 16C6NK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
   Renesas MCU
16C6N5 RENESAS-16C6N5 Datasheet
677Kb / 88P
   Renesas MCU
16C6NL RENESAS-16C6NL Datasheet
530Kb / 70P
   Renesas MCU
More results

Similar Description - 16C6NK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com