Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3DPF30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS3DPF30L
Description  DUAL P - CHANNEL 30V - 0.145ohm - 3A SO-8 STripFETO POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPF30L Datasheet(HTML) 3 Page - STMicroelectronics

  STS3DPF30L Datasheet HTML 1Page - STMicroelectronics STS3DPF30L Datasheet HTML 2Page - STMicroelectronics STS3DPF30L Datasheet HTML 3Page - STMicroelectronics STS3DPF30L Datasheet HTML 4Page - STMicroelectronics STS3DPF30L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 15 V
ID = 1.5 A
RG = 4.7
VGS = 4.5 V
(Resistive Load, see fig. 3)
14.5
37
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 24 V ID = 3 A VGS = 4.5 V
5.5
1.7
1.8
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 15 V
ID = 1.5 A
RG = 4.7
VGS = 4.5 V
(Resistive Load, see fig. 3)
88
23
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
3
12
A
A
VSD (
∗)
Forward On Voltage
ISD =3 A
VGS = 0
1.2
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD = 3 A
di/dt = 100 A/
µs
VDD = 15 V
Tj = 150
oC
(see test circuit, fig. 5)
T.B.D
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
STS3DPF30L
3/5


Similar Part No. - STS3DPF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
   DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET??POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
   P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
   P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
   P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
More results

Similar Description - STS3DPF30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5DNE30L STMICROELECTRONICS-STS5DNE30L Datasheet
70Kb / 5P
   N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET
STS3DPFS30 STMICROELECTRONICS-STS3DPFS30 Datasheet
70Kb / 5P
   P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
   N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
STS2DNF30L_0705 STMICROELECTRONICS-STS2DNF30L_0705 Datasheet
296Kb / 12P
   Dual N-channel 30V - 0.09廓 - 3A SO-8 STripFET??Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
   DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET??POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
   P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
   DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com