Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK297 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 3SK297
Description  Silicon N-Channel Dual Gate MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3SK297 Datasheet(HTML) 7 Page - Renesas Technology Corp

  3SK297 Datasheet HTML 1Page - Renesas Technology Corp 3SK297 Datasheet HTML 2Page - Renesas Technology Corp 3SK297 Datasheet HTML 3Page - Renesas Technology Corp 3SK297 Datasheet HTML 4Page - Renesas Technology Corp 3SK297 Datasheet HTML 5Page - Renesas Technology Corp 3SK297 Datasheet HTML 6Page - Renesas Technology Corp 3SK297 Datasheet HTML 7Page - Renesas Technology Corp 3SK297 Datasheet HTML 8Page - Renesas Technology Corp 3SK297 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3SK297
Rev.3.00 Aug 10, 2005 page 7 of 8
S Parameter
(VDS = 6 V, VG2S = 3 V, ID = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
Freq.
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
50
0.994
–5.8
2.04
173.6
0.00116
76.9
0.993
–2.2
100
0.993
–11.0
2.02
167.4
0.00132
85.7
0.993
–4.5
150
0.986
–16.8
2.00
161.5
0.00229
78.2
0.991
–6.4
200
0.980
–22.5
1.98
155.5
0.00313
73.5
0.990
–8.5
250
0.973
–27.8
1.94
149.6
0.00427
68.7
0.987
–10.5
300
0.950
–33.0
1.90
142.6
0.00473
63.9
0.985
–12.5
350
0.936
–38.3
1.86
137.1
0.00536
64.3
0.982
–14.4
400
0.924
–43.4
1.83
131.6
0.00561
64.5
0.979
–16.2
450
0.912
–48.0
1.77
126.8
0.00562
60.9
0.975
–18.2
500
0.893
–52.5
1.71
121.0
0.00640
53.5
0.971
–20.2
550
0.874
–57.3
1.67
115.5
0.00638
49.3
0.967
–22.0
600
0.859
–62.0
1.64
111.1
0.00647
49.0
0.964
–23.9
650
0.846
–66.1
1.58
106.7
0.00667
50.2
0.960
–25.8
700
0.829
–69.8
1.50
102.1
0.00694
49.3
0.955
–27.6
750
0.810
–74.2
1.46
97.1
0.00661
46.6
0.952
–29.4
800
0.802
–78.0
1.44
92.7
0.00618
43.7
0.948
–31.2
850
0.791
–81.6
1.38
88.9
0.00622
44.7
0.944
–33.2
900
0.778
–84.6
1.34
84.2
0.00615
43.6
0.940
–35.1
950
0.756
–88.5
1.30
80.2
0.00576
45.1
0.935
–36.8
1000
0.751
–92.2
1.26
75.9
0.00562
40.7
0.932
–38.5


Similar Part No. - 3SK297

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results

Similar Description - 3SK297

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com