Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2306LX1YPAA Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2306LX1YPAA
Description  Dual High-Efficiency PWM Step-Down DC-DC Coverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2306LX1YPAA Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2306LX1YPAA Datasheet HTML 1Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 2Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 3Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 4Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 5Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 6Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 7Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 8Page - Power Analog Micoelectronics PAM2306LX1YPAA Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PAM2306
Dual High-Efficiency PWM Step-Down DC-DC Coverter
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
07/2008 Rev 1.0
Electrical Characteristic
T =25 C, V =3.6V, V =1.8V, C =10μF, C =10μF, L=2.2μH, unless otherwise noted.
AIN
O
IN
O
O
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Regulated Feedback Voltage
VFB
0.588
0.6
0.612
V
Reference Voltage Line Regulation
ΔVFB
0.3
%/V
Regulated Output Voltage Accuary
V
O
I
O =100mA
-3
+3
%
Peak Inductor Current
I
PK
V
IN=3V,VFB =0.5V or VO=90%
1.5
A
Output Voltage Line Regulation
LNR
VIN =2.5V to 5V, IO=10mA
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO=1mA to 1A
0.5
1.5
%
Quiescent Current (per channel)
IQ
No load
40
70
μA
Shutdown Current (per channel)
ISD
VEN =0V
0.1
1
μA
VO = 100%
1.2
1.5
1.8
MHz
Oscillator Frequency
fOSC
VFB =0V or VO =0V
500
kHz
P MOSFET
0.3
0.45
Ω
Drain-Source On-State Resistance
RDS(ON)
IDS=100mA
N MOSFET
0.35
0.5
Ω
SW Leakage Current (per channel)
ILSW
±0.01
1
μA
High Efficiency
η
96
%
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
±0.01
μA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C


Similar Part No. - PAM2306LX1YPAA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306AYP DIODES-PAM2306AYP Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306AYPKE DIODES-PAM2306AYPKE Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
More results

Similar Description - PAM2306LX1YPAA

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2306D PAM-PAM2306D Datasheet
336Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
PAM2319 PAM-PAM2319 Datasheet
301Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com