Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25002ASA00I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R1EX25002ASA00I
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25002ASA00I Datasheet(HTML) 1 Page - Renesas Technology Corp

  R1EX25002ASA00I Datasheet HTML 1Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 2Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 3Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 4Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 5Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 6Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 7Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 8Page - Renesas Technology Corp R1EX25002ASA00I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
R1EX25002ASA00I/R1EX25004ASA00I
R1EX25002ATA00I/R1EX25004ATA00I
Serial Peripheral Interface
2k EEPROM (256-word
× 8-bit)
4k EEPROM (512-word
× 8-bit)
Electrically Erasable and Programmable Read Only Memory
REJ03C0361-0001
Preliminary
Rev.0.01
Feb.21.2008
Description
R1EX25xxx Series is the Serial Peripheral Interface compatible (SPI) EEPROM (Electrically Erasable and
Programmable ROM). It realizes high speed, low power consumption and a high level of reliability by employing
advanced MONOS memory technology and CMOS process and low voltage circuitry technology. It also has a 16-byte
page programming function to make it’s write operation faster.
.
Features
• Single supply: 1.8 V to 5.5 V
• Serial Peripheral Interface compatible (SPI bus)
 SPI mode 0 (0,0), 3 (1,1)
• Clock frequency: 5 MHz (2.5 V to 5.5 V), 3 MHz (1.8 V to 5.5 V)
• Power dissipation:
 Standby: 2µA (max)
 Active (Read): 2 mA (max)
 Active (Write): 2.5 mA (max)
• Automatic page write: 16-byte/page
• Write cycle time: 5 ms
• Endurance: 106 Erase/Write Cycles
• Data retention: 10 Years
• Small size packages: SOP-8pin, TSSOP-8pin
• Shipping tape and reel
 TSSOP-8pin: 3,000 IC/reel
 SOP-8pin
: 2,500 IC/reel
• Temperature range: −40 to +85 °C
• Lead free product.
Preliminary: The specifications of this device are subject to change without notice. Please contact your nearest
Renesas Technology's Sales Dept. regarding specifications
REJ03C0361-0001 Rev.0.01 Feb.21.2008
page 1 of 20


Similar Part No. - R1EX25002ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00G RENESAS-R1EX25002ASA00G Datasheet
573Kb / 22P
   Serial Peripheral Interface 2k EEPROM 4k EEPROM
More results

Similar Description - R1EX25002ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508I RENESAS-HN58X2508I_05 Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com