Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS3C3F30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS3C3F30L
Description  N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET??II POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3C3F30L Datasheet(HTML) 3 Page - STMicroelectronics

  STS3C3F30L Datasheet HTML 1Page - STMicroelectronics STS3C3F30L Datasheet HTML 2Page - STMicroelectronics STS3C3F30L Datasheet HTML 3Page - STMicroelectronics STS3C3F30L Datasheet HTML 4Page - STMicroelectronics STS3C3F30L Datasheet HTML 5Page - STMicroelectronics STS3C3F30L Datasheet HTML 6Page - STMicroelectronics STS3C3F30L Datasheet HTML 7Page - STMicroelectronics STS3C3F30L Datasheet HTML 8Page - STMicroelectronics STS3C3F30L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STS3C3F30L
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
N-CHANNEL
VDD = 15 V
ID = 1.75 A
RG = 4.7 Ω
VGS = 4.5 V
P-CHANNEL
VDD = 15 V
ID = 1.5 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 1)
n-ch
p-ch
n-ch
p-ch
27
14.5
40
37
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
N-CHANNEL
VDD=24V ID=3.5A
VGS=4.5V
P-CHANNEL
VDD = 24V ID = 3A VGS = 4.5V
(see test circuit, Figure 2)
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
8.5
4.8
2
1.7
4
2
12
7
nC
nC
nC
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
N-CHANNEL
VDD = 15 V
ID = 1.75 A
RG = 4.7 Ω
VGS = 4.5 V
P-CHANNEL
VDD = 15 V
ID = 1.5 A
RG = 4.7 Ω
VGS = 4.5 V
(Resistive Load, Figure 1)
n-ch
p-ch
n-ch
p-ch
30
90
20
23
ns
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (•)
Source-drain Current
Source-drain Current (pulsed)
n-ch
p-ch
n-ch
p-ch
3.5
3
14
12
A
A
A
A
VSD(∗)
Forward On Voltage
ISD = 3.5 A
VGS = 0
ISD = 3 A
VGS = 0
n-ch
p-ch
1.2
1.2
V
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
N-CHANNEL
ISD = 3.5 A
di/dt = 100A/
µs
VDD =15 VTj =150 oC
P-CHANNEL
ISD = 3 A
di/dt = 100A/
µs
VDD =15 VTj =150 oC
(see test circuit, Figure 3)
n-ch
p-ch
n-ch
p-ch
n-ch
p-ch
28
35
18
25
1.3
1.5
ns
ns
nC
nC
A
A
ELECTRICAL CHARACTERISTICS (continued)


Similar Part No. - STS3C3F30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3C2F100 STMICROELECTRONICS-STS3C2F100 Datasheet
362Kb / 11P
   COMPLEMENTARY PAIR STripFETTM POWER MOSFET
More results

Similar Description - STS3C3F30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
   N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
   P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET??POWER MOSFET
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
   DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET??POWER MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS10PF30L STMICROELECTRONICS-STS10PF30L Datasheet
199Kb / 9P
   P-CHANNEL 30V - 0.012Ohm - 10A SO-8 STripFET II POWER MOSFET
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
   N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
   N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
   N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L_07 Datasheet
234Kb / 11P
   P-CHANNEL 30V - 0.16廓 - 7A - SO-8 STripFET??II Power MOSFET
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
   N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET??II MOSFET PLUS SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com