Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV126AFPEL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LV126AFPEL
Description  Quad. Bus Buffer Gates with 3-state Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV126AFPEL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LV126AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LV126AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HD74LV126A
Rev.3.00 Jun. 03, 2004 page 2 of 9
Pin Arrangement
11
12
9
10
13
14
8
VCC
4OE
4A
4Y
3OE
3A
1
2
3
4
5
6
7
1OE
1A
1Y
2OE
2A
2Y
GND
3Y
(Top view)
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
VCC: OFF or Output: Z
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±35
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or IGND
±70
mA
785
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV126AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV126AFPEL RENESAS-HD74LV126AFPEL Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results

Similar Description - HD74LV126AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
   Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
   Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 HITACHI-HD74HC125 Datasheet
49Kb / 10P
   Quad. Bus Buffer Gates (with 3-state outputs)
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
   Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
   Quad. Bus Buffer Gates with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com