Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C5181024LL-70WI Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V62C5181024LL-70WI
Description  128K X 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C5181024LL-70WI Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V62C5181024LL-70WI Datasheet HTML 1Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 2Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 3Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 4Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 5Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 6Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 7Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 8Page - Mosel Vitelic, Corp V62C5181024LL-70WI Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V62C5181024
3
V62C5181024 Rev. 2.2 February 2000
Part Number Information
Absolute Maximum Ratings (1)
NOTE:
1.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Symbol
Parameter
Commercial
Industrial
Units
VCC
Supply Voltage
-0.5 to +7
-0.5 to +7
V
VN
Input Voltage
-0.5 to +7
-0.5 to +7
V
VDQ
Input/Output Voltage Applied
VCC + 0.5
VCC + 0.5
V
TBIAS
Temperature Under Bias
-10 to +125
-65 to +135
°C
TSTG
Storage Temperature
-55 to +125
-65 to +150
°C
SRAM
FAMILY
C = CMOS PROCESS
62 = STANDARD
51 = 5V
OPERATING
VOLTAGE
1024K
ORGANIZATION
PKG
SPEED
5181024 05
62
C
8
51
1024
MOSEL-VITELIC
MANUFACTURED
V
8 = 8-bit
35 ns
70 ns
TEMP.
BLANK = 0
°C to 70°C
I = -40
°C to +85°C
L = LOW POWER
LL = LOW LOW POWER
T = TSOP STANDARD
P = 600 mil PDIP
W = 440 mil SOP (525 mil pin-to-pin)
DENSITY
PWR.
Capacitance*
TA = 25°C, f = 1.0MHz
NOTE:
1.
This parameter is guaranteed and not tested.
Truth Table
NOTE:
X = Don’t Care, L = LOW, H = HIGH
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VI/O = 0V
8
pF
Mode
CE1
CE2
OE
WE
I/O
Operation
Standby
H
X
X
X
High Z
Standby
X
L
X
X
High Z
Output Disable
L
H
H
H
High Z
Read
L
H
L
H
DOUT
Write
L
H
X
L
DIN


Similar Part No. - V62C5181024LL-70WI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
V62C5181024LL-70P SAMSUNG-V62C5181024LL-70P Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - V62C5181024LL-70WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com