Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS11NF3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS11NF3LL
Description  N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS11NF3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STS11NF3LL Datasheet HTML 1Page - STMicroelectronics STS11NF3LL Datasheet HTML 2Page - STMicroelectronics STS11NF3LL Datasheet HTML 3Page - STMicroelectronics STS11NF3LL Datasheet HTML 4Page - STMicroelectronics STS11NF3LL Datasheet HTML 5Page - STMicroelectronics STS11NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-amb
T j
Tstg
(*)Thermal Resist ance Junction-ambient
Maximum Operating Junction T emperature
St orage Temperature
50
150
-65 t o 150
oC/W
oC
oC
(*) Mounted on FR-4 board (t
≤ 10sec)
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID =250
µAVGS =0
30
V
IDSS
Zero Gat e Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS =Max Rating
Tc =125
oC
1
10
µA
µA
IGSS
Gat e-body Leakage
Current (VDS =0)
VGS =
± 20 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
VGS(th)
Gat e Threshold Voltage VDS =VGS
ID = 250
µA1
V
RDS(on)
Static Drain-source On
Resistance
VGS =10 V
ID =5.5 A
VGS =4.5 V
ID =5.5 A
0.009
0.011
0.011
0.013
ID(o n)
On State Drain Current
VDS >ID(o n) xRDS(on )max
VGS =10 V
11
A
DYNAMIC
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
gfs (
∗)Forward
Transconductance
VDS >ID(o n) xRDS(on )max
ID =5.5 A
20
S
Ciss
Coss
Crss
Input Capacitance
Out put Capacitance
Reverse Transfer
Capacitance
VDS = 25V
f = 1MHz
VGS = 0 V
1700
500
115
pF
pF
pF
STS11NF3LL
2/6


Similar Part No. - STS11NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS11NF30L DOINGTER-STS11NF30L Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STS11NF30L VBSEMI-STS11NF30L Datasheet
928Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
More results

Similar Description - STS11NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS11NF30L STMICROELECTRONICS-STS11NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.009 ohm - 11A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS11NF30L STMICROELECTRONICS-STS11NF30L_07 Datasheet
332Kb / 12P
   N-channel 30V - 0.0085廓 - 11A SO-8 Low gate charge STripFET??II Power MOSFET
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
   N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
STS9NF3LL STMICROELECTRONICS-STS9NF3LL Datasheet
274Kb / 8P
   N-CHANNEL 30V - 0.016 ohm - 9A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
   DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL Datasheet
225Kb / 9P
   DUAL N-CHANNEL 30V - 0.018 OHM - 8A SO-8 LOW GATE CHARGE STripFET III POWER MOSFET
STS8C5H30L STMICROELECTRONICS-STS8C5H30L_07 Datasheet
426Kb / 14P
   N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
9639 STMICROELECTRONICS-9639 Datasheet
114Kb / 6P
   N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET??POWER MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_06 Datasheet
293Kb / 12P
   N-channel 30V - 0.008ohm - 12A - SO-8 Ultra low gate charge STripFET TM Power MOSFET
STS9NH3LL STMICROELECTRONICS-STS9NH3LL Datasheet
325Kb / 12P
   N-channel 30V - 0.018ohm - 9A - SO-8 Low gate charge STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com