Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV1GW53A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV1GW53A
Description  2-channel Analog Multiplexer / Demultiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1GW53A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV1GW53A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1GW53A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HD74LV1GW53A
Rev.2.00, May 19, 2006 page 4 of 6
Switching Characteristics
VCC = 1.8 ± 0.15 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.5
13.0
19.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
11.0
23.0
29.0
ns
CL = 50 pF
COM or Yn
Yn or COM
13.0
30.0
35.0
CL = 15 pF
Enable time
tZH
tZL
18.0
47.0
54.0
ns
CL = 50 pF
A
Yn
13.0
25.0
30.0
CL = 15 pF
Disable time
tHZ
tLZ
20.0
38.0
45.0
ns
CL = 50 pF
A
Yn
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
2.5
10.0
16.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
5.0
12.0
18.0
ns
CL = 50 pF
COM or Yn
Yn or COM
7.0
18.0
23.0
CL = 15 pF
Enable time
tZH
tZL
9.0
28.0
35.0
ns
CL = 50 pF
A
Yn
9.0
18.0
23.0
CL = 15 pF
Disable time
tHZ
tLZ
13.0
28.0
35.0
ns
CL = 50 pF
A
Yn
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
2.0
6.0
10.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
4.0
9.0
12.0
ns
CL = 50 pF
COM or Yn
Yn or COM
5.0
12.0
15.0
CL = 15 pF
Enable time
tZH
tZL
7.0
20.0
25.0
ns
CL = 50 pF
A
Yn
7.0
12.0
15.0
CL = 15 pF
Disable time
tHZ
tLZ
10.0
20.0
25.0
ns
CL = 50 pF
A
Yn
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
1.5
4.0
7.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
3.0
6.0
8.0
ns
CL = 50 pF
COM or Yn
Yn or COM
4.0
8.0
10.0
CL = 15 pF
Enable time
tZH
tZL
5.0
14.0
18.0
ns
CL = 50 pF
A
Yn
5.0
8.0
10.0
CL = 15 pF
Disable time
tHZ
tLZ
8.0
14.0
18.0
ns
CL = 50 pF
A
Yn
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
7.5
Power dissipation
capacitance
CPD
5.0
8.0
pF
f = 10 MHz


Similar Part No. - HD74LV1GW53A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW53A RENESAS-HD74LV1GW53A Datasheet
86Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53ACME RENESAS-HD74LV1GW53ACME Datasheet
86Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
More results

Similar Description - HD74LV1GW53A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com